Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 66Page - STMicroelectronics L9662 Datasheet HTML 67Page - STMicroelectronics L9662 Datasheet HTML 68Page - STMicroelectronics L9662 Datasheet HTML 69Page - STMicroelectronics L9662 Datasheet HTML 70Page - STMicroelectronics L9662 Datasheet HTML 71Page - STMicroelectronics L9662 Datasheet HTML 72Page - STMicroelectronics L9662 Datasheet HTML 73Page - STMicroelectronics L9662 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
Functional description
L9662
70/80
DocID028325 Rev 1
D12
0
Manchester 2
Not Used
Manchester Selection
PSI5 mode – don’t
care
See Table 40
1
Manchester 1
D11
0
Checksum calculation enabled
(default) – Target is to use
checksum calculated by ASIC
Not Used
Checksum calculation
Status PSI5 mode –
don’t care
1
Checksum calculation
disabled Note: Checksum for
MS only not PSI5
D10
1
MS Message Length See
Table 40
PSI5 Message
Length See Table 40
0
Data length Status
D9
1
0
D8
0
Sync pulse disabled (default)
Same as MS Mode
Sync pulse Status
1
Sync pulse enabled
D7
Bit time selection
Same as MS Mode
Bit time selection
D6
D5
Satellite/Decoder Control
Same as MS Mode
Satellite/Decoder
Control
D4
D3
0
Current Trip Point Hysteresis
Disabled (default)
Same as MS Mode
Current Trip Point
Hysteresis Status
1
Current Trip Point Hysteresis
Enabled
D2
Current Trip Point threshold
Same as MS Mode
Current Trip Point
threshold
D1
D0
1. MISO Response shown in Table 40.
Table 39. MOSI CCR bit definition (continued)
Bit
State
MS Mode
PSI5 Mode (1)
MS / PSI5 Mode
MS / PSI5 Mode
MOSI Command
MOSI Command
MISO Response for
CCR Mode
MISO Response
for Data Mode
Description
Table 40. MISO responses with D14=0 (Data register selection)
MOSI Bit Setting
MISO Bit Definition
D11 D10 D09 D15 D14 D13 D12 D11 D10 D09 D08 D07 D06 D05 D04 D03 D02 D01 D00
MISO Data Response in MS Mode: MERAS Protocol
0
0
0
odd
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 SV2 SV1 SV0
0
0
0
0
1
odd
D7
D6
D5
D4
D3
D2
D1
D0 SV2 SV1 SV0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com