Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 10Page - STMicroelectronics L9662 Datasheet HTML 11Page - STMicroelectronics L9662 Datasheet HTML 12Page - STMicroelectronics L9662 Datasheet HTML 13Page - STMicroelectronics L9662 Datasheet HTML 14Page - STMicroelectronics L9662 Datasheet HTML 15Page - STMicroelectronics L9662 Datasheet HTML 16Page - STMicroelectronics L9662 Datasheet HTML 17Page - STMicroelectronics L9662 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
Electrical specifications
L9662
14/80
DocID028325 Rev 1
2.4.2
Electrical characteristics - Squib deployment drivers and diagnostics
4.9 V
 VDD  5. 1V; 7 V  VRESX  37 V; 7 V  VSDIAG  37 V; (VSATS + 6.5 V)  VSYNC  25 V;
7 V
 VSATS  14 V; FEN1 = FEN2 = FEN3 = FEN4 = VDD; R_REF = 10 kΩ, ±1%, 100 PPM;
CVRES0_3≥ 68 nF; CVRES4_7 ≥ 68 nF; -40 °C  TA  +95 °C; unless other specified.
IRESx
Quiescent current for
VRESx during HSS test
Current per pin during HSS test
excluding selected channel
--
10
μA
VIH
Input voltage threshold
(MOSI, MOSI_S, SCLK,
SCLK_S, CS_S, CS_D)
Input Logic = 1
-
-
2.0
V
VIL
Input Logic = 0
0.8
-
-
V
VHYST
Input hysteresis
-
100
-
300
mV
ILKGD
Input leakage current
MOSI, MOSI_S, SCLK,
SCLK_S
VIN = VDD
-
-
1
μA
VIN = 0 to VIH
-1
-
-
μA
IPU_CS
Input pull-up current CS_S,
CS_D
VIN = VIH to GND
-10
-
-50
μA
IPD_IS
Input pull-down current
INITSYNC
VIN = VIL to VDD
10
-
50
μA
VOH
Output voltage MISO,
MISO_S
IOH = -800 μA
VDD–
0.8
--
V
VOL
IOL = 1.6 mA
-
-
0.4
V
IHI_Z
Tri-state current MISO,
MISO_S,
MISO = VDD
-
-
1
μA
MISO = 0 V
-1
-
-
μA
Table 6. General - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 7. Squib deployment drivers and diagnostics - DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General
ILKGSQH
Leakage current SQH
VSDIAG = VDD = 0,
VRES = 37 V, VSQH = 0 V
--
50
μA
ILKGVRES
Bias current VRESX
VSDIAG = 18 V; VDD = 5 V;
VRES = 37 V; SQH shorted
to SQL
--
10
μA
ILKGSQL
Leakage current SQL
VSDIAG = VDD = 0,
VSQL = 18 V
-10
-
10
μA
IPD
Pulldown current SQL
VSQL = 1.5 V to 20 V
3.3
-
4.1
m
A
VBIAS
Diagnostics Bias voltage
Nominal 3.6 V
-5%
VDD*0.72
+5%
V
Short to battery/ground Diagnostics - Rsqb from 0 Ω to Open
ISVRCM
Maximum Diagnostics Bias
Current limit
Short to battery or ground
test active VSQH = 0 V
5
-
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com