Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 26Page - National Semiconductor (TI) DP83266 Datasheet HTML 27Page - National Semiconductor (TI) DP83266 Datasheet HTML 28Page - National Semiconductor (TI) DP83266 Datasheet HTML 29Page - National Semiconductor (TI) DP83266 Datasheet HTML 30Page - National Semiconductor (TI) DP83266 Datasheet HTML 31Page - National Semiconductor (TI) DP83266 Datasheet HTML 32Page - National Semiconductor (TI) DP83266 Datasheet HTML 33Page - National Semiconductor (TI) DP83266 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
60 Functional Description (Service Engine) (Continued)
Request status is generated as a single confirmation object
(single- or multi-part) per Request object with each confir-
mation object consisting of one or more CNF Descriptors
The type of confirmation is specified by the host in the Con-
firmation Class field of the REQ Descriptor
The MACSI device can be programmed to generate CNF
Descriptors at the end of the Request object (End Confirma-
tion) or at the end of each token opportunity (Intermediate
Confirmation) as selected in the E and I bits of the Confir-
mation Class Field of the REQ Descriptor A CNF Descriptor
is always written when an exception or error occurs (regard-
less of the value in the Confirmation Class field) when a
Request is completed (for End or Intermediate Confirmation
Class) or when a Service Opportunity ends (Intermediate
Confirmation Class only)
There are three basic types of confirmation Transmitter
Full and None With Transmitter Confirmation the MACSI
device verifies that the Output Data Units were successfully
transmitted With Full Confirmation the Request Machine
verifies that the ODUs were successfully transmitted that
the number of (returning) frames ‘‘matches’’ the number of
transmitted ODUs and that the returning frames contain the
expected status Full confirmation takes advantage of the
fact that the sending station also removes its frames from
the network When the None Confirmation Class is select-
ed confirmation is written only if an exception or error oc-
curs
For Full Confirmation a matching frame must meet the fol-
lowing criteria
1 The frame has a valid Ending Delimiter (ED)
2 The selected bits in the FC fields of the transmitted and
received frames are equal (the selected bits are speci-
fied in the FCT bit of the Request Configuration Regis-
ter)
3 The frame is My
SA (MFLAG or both SAT
EM assert-
ed)
4 The frame status indicators match the values in the Ex-
pected Frame Status Register
5 FCS checking is disabled or FCS checking is enabled
and the frame has a valid FCS
6 All bytes from FC to ED have good parity (when the
FLOW bit in the Mode Register is set ie parity checking
is enabled)
The confirmed frame count starts after the first Request
burst frame has been committed by the Ring Engine and
when a frame with My
SA is received Void and My
Void
frames are ignored by the MACSI device The frame count
ends when any of the following conditions occur
1 All frames have been transmitted and the transmitted
and confirmed frame counts are equal
2 There is a MACRST (MAC Reset)
3 The state of the ring-operation has changed
4 A stripped frame or a frame with a parity error is re-
ceived
5 A non-matching frame is received
6 A token is received
When Source Address Transparency is selected (by setting
the SAT bit in the Request Configuration Register) and Full
confirmation is enabled confirmation begins when a frame
end is detected with either MFLAG or EM asserted
When a non-matching frame is received the MACSI device
ends the Request and generates the Request Complete
(RCM) Exception (EXC) and Breakpoint (BRK) attentions
Any remaining REQs in the Request object are fetched until
a REQLast or REQOnly is encountered Processing then
resumes on the next REQFirst or REQOnly (any other type
of REQ would be a consistency failure)
Request errors and exceptions are reported in the State
Attention Register Request Attention Register and the
Confirmation Message Descriptor When an exception or er-
ror occurs the Request Machine generates a CNF and
ends the Request The Unserviceable Request (USR) atten-
tion is set to block subsequent Requests once one be-
comes unserviceable
623 State Machines
There are three state machines under control of the host
the Request Machine
the Indicate Machine
and the
StatusSpace Machine Each Machine has two Modes
Stop and Run The Mode is determined by the setting of the
Machine’s corresponding STOP bit in the State Attention
Register The STOP bits are set by the MACSI device when
an error occurs or may be set by the user to place the state
machine in Stop Mode
The MACSI device Control Registers may be programmed
only when all Machines are in Stop Mode When the Status
Space Machine is in Stop Mode only the Pointer RAM and
Limit RAM Registers may be programmed When the Indi-
cate and Request Machines are in Stop Mode all indicate
and request operations are halted When the StatusSpace
Machine is in Stop Mode only the PTOP and LMOP service
functions can be performed
63 EXTERNAL MATCHING INTERFACE
This interface consists of five pins (six on MACSI revision D
or later) that give the MACSI device additional status re-
garding address matches Typical applications for this inter-
face include address matching for Bridge and Router devic-
es The five pins include four inputs (ECIP ECOPY EA and
EM) and one output (LEARN) MACSI revisions D or later
have an additional input pin (AFINHIB) ECIP provides tim-
ing information to the Sytem Interface ECOPY and EM pro-
vide status to the System Interface on external Destination
and Source address matches respectively (most applica-
tions use ECOPY only) The Ring Engine uses EA and EM
for setting the A Indicator and frame stripping
For the purposes of external matching it is recommended
that the frame data be viewed at the PLAYERa MACSI
Receive interface (PIDk70l PIP PIC) In addition it is
recommended that the user design the circuit to detect the
JK symbol at the MACSIPLAYERa interface to start ad-
dress matching
To instruct the MACSI device to copy a frame the proper
use of the ECIP ECOPY and EM pins is as follows Exter-
nal address matching circuitry must assert ECIP some time
from the arrival of the start delimiter (JK) to the 6th byte of
the INFO field (as measured at the PLAYERa MACSI inter-
face) Otherwise the MACSI device assumes that no exter-
nal address comparison is taking place ECIP must be nega-
ted for at least one cycle to complete the external compari-
son If it has not been deasserted by the 2nd byte after the
End Delimiter (ED) the frame is not copied ECOPY and EM
are sampled on the clock cycle after ECIP is negated ECIP
is ignored after it is negated until the arrival of the next JK
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com