Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 44Page - National Semiconductor (TI) DP83266 Datasheet HTML 45Page - National Semiconductor (TI) DP83266 Datasheet HTML 46Page - National Semiconductor (TI) DP83266 Datasheet HTML 47Page - National Semiconductor (TI) DP83266 Datasheet HTML 48Page - National Semiconductor (TI) DP83266 Datasheet HTML 49Page - National Semiconductor (TI) DP83266 Datasheet HTML 50Page - National Semiconductor (TI) DP83266 Datasheet HTML 51Page - National Semiconductor (TI) DP83266 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 152 page
background image
70 Control Information (Continued)
TABLE 7-6 MAC Parameter RAM
Addr
Name
Register Contents
040
MLA0
MLA(47 – 40)
041
MLA1
MLA(39 – 32)
042
MLA2
MLA(31 – 24)
043
MLA3
MLA(23 – 16)
044
MLA4
MLA(15 – 8)
045
MLA5
MLA(7 – 0)
046
MSA0
MSA(15 – 8)
047
MSA1
MSA(7 – 0)
048
GLA0
GLA(47 – 40)
049
GLA1
GLA(39 – 32)
04A
GLA2
GLA(31 – 24)
04B
GLA3
GLA(23 – 16)
04C
GLA4
GLA(15 – 8)
04D
Reserved
04E
GSA0
GSA(15 – 8)
04F
Reserved
050
TREQ0
TREQ(31 – 24)
051
TREQ1
TREQ(23 – 16)
052
TREQ2
TREQ(15 – 8)
053
TREQ3
TREQ(7 – 0)
054
TBT0
TBT(31 – 24)
055
TBT1
TBT(23 – 16)
056
TBT2
TBT(15 – 8)
057
TBT3
TBT(7 – 0)
058
FGM0
FGM(7 – 0)
059
FGM1
FGM(F – 8)
05A0 – 5F
Reserved
060
PGM10
PGM(87 – 80)
061
PGM11
PGM(8F – 88)
062
PGM12
PGM(97 – 90)
Addr
Name
Register Contents
063
PGM13
PGM(9F – 98)
064
PGM14
PGM(A7 – A0)
065
PGM15
PGM(AF – A8)
066
PGM16
PGM(B7 – B0)
067
PGM17
PGM(BF – B8)
068
PGM18
PGM(C7 – C0)
069
PGM19
PGM(CF – C8)
06A
PGM1A
PGM(D7 – D0)
06B
PGM1B
PGM(DF – D8)
06C
PGM1C
PGM(E7 – E0)
06D
PGM1D
PGM(EF – E8)
06E
PGM1E
PGM(F7 – F0)
06F
PGM1F
PGM(FF – F8)
070
PGM0
PGM(7 – 0)
071
PGM1
PGM(F – 8)
072
PGM2
PGM(17 – 10)
073
PGM3
PGM(1F – 18)
074
PGM4
PGM(27 – 20)
075
PGM5
PGM(2F – 28)
076
PGM6
PGM(37 – 30)
077
PGM7
PGM(3F – 38)
078
PGM8
PGM(47 – 40)
079
PGM9
PGM(4F – 48)
07A
PGMA
PGM(57 – 50)
07B
PGMB
PGM(5F – 58)
07C
PGMC
PGM(67 – 60)
07D
PGMD
PGM(6F – 68)
07E
PGME
PGM(77 – 70)
07F
PGMF
PGM(7F – 78)
732 MAC CountersTimer Thresholds
The MAC event counters and timer thresholds are always
readable and are writable in Stop mode
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com