Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 63Page - National Semiconductor (TI) DP83266 Datasheet HTML 64Page - National Semiconductor (TI) DP83266 Datasheet HTML 65Page - National Semiconductor (TI) DP83266 Datasheet HTML 66Page - National Semiconductor (TI) DP83266 Datasheet HTML 67Page - National Semiconductor (TI) DP83266 Datasheet HTML 68Page - National Semiconductor (TI) DP83266 Datasheet HTML 69Page - National Semiconductor (TI) DP83266 Datasheet HTML 70Page - National Semiconductor (TI) DP83266 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 152 page
background image
70 Control Information (Continued)
Counter Increment Mask Register (CIMR)
The Counter Increment Mask Register (CIMR) is used to mask bits from the Counter Increment Latch Register (CILR) If a bit in
Register CIMR is set to One the corresponding bit in Register CILR will be applied to the Interrupt Condition Register which can
then be used to generate an interrupt to the CPU
All bits in this register are set to Zero upon reset
Access Rules
Address
Read
Write
019h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RES
TKRCVD
FRTRX
FRNCOP
FRCOP
FRLST
FREI
FRRCV
Bit
Symbol
Description
D7
RES
Reserved
D6
TKRCVD
Token Received Counter Increment Mask
This bit is used to mask CILRTKRCVD
D5
FRTRX
Frame Transmitted Counter Increment Mask
This bit is used to mask CILRFRTRX
D4
FRNCOP
Frame Not Copied Counter Increment Mask
This bit is used to mask CILRFRNCOP
D3
FRCOP
Frame Copied Counter Increment Mask
This bit is used to mask CILRFRCOP
D2
FRLST
Lost Frame Counter Increment Mask
This bit is used to mask CILRFRLST
D1
FREI
Error Isolated Counter Increment Mask
This bit is used to mask CILRFREI
D0
FRRCV
Frame Received Counter Increment Mask
This bit is used to mask CILRFRRCV
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com