Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 90Page - National Semiconductor (TI) DP83266 Datasheet HTML 91Page - National Semiconductor (TI) DP83266 Datasheet HTML 92Page - National Semiconductor (TI) DP83266 Datasheet HTML 93Page - National Semiconductor (TI) DP83266 Datasheet HTML 94Page - National Semiconductor (TI) DP83266 Datasheet HTML 95Page - National Semiconductor (TI) DP83266 Datasheet HTML 96Page - National Semiconductor (TI) DP83266 Datasheet HTML 97Page - National Semiconductor (TI) DP83266 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 152 page
background image
70 Control Information (Continued)
State Attention Register (STAR)
The State Attention Register (STAR) controls the state of the Indicate Request and StatusSpace Machines It also records
parity internal logic and ABus transaction errors Each bit may be enabled by setting the corresponding bit in the State Notify
Register
This register is set to the value 07h upon reset
Access Rules
Address
Read
Write
106h
Always
Conditional
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
ERR
BPE
CPE
CWI
CMDE
SPSTOP
RQSTOP
INSTOP
Bit
Symbol
Description
D0
INSTOP
Indicate Stop
This bit is set by the host to place the Indicate Machine in Stop Mode It is also set upon reset
Three different conditions cause the MACSI device to set this bit The first is an internal error This is caused
by a bad tag read out of the Indicate Data FIFO This is a hardware error The next condition is an invalid
state This is a hardware error where the Indicate Machine state bits contain an illegal pattern The final
condition is when the user programs an illegal header length for HeaderInfo sorting mode An invalid value is
any value less than four words
This bit is set by serious hardware failures or illegal software operations Therefore it is recommended that
the entire MACSI device be reset if this bit should get set during normal operation
D1
RQSTOP
Request Stop
This bit is set by the host to place the Request Machine in Stop Mode It is also set upon
reset The MACSI device will set this bit if it detects that the Request Machine has entered an illegal state
This is a hardware error The MACSI device will also set this bit if an ABus error is detected during any
Request Operation This includes REQ ODUD and ODU fetches and CNF writes
This bit is set by serious hardware failures or ABus errors Therefore it is recommended that the entire MACSI
device be reset if this bit should get set during normal operation
D2
SPSTOP
StatusSpace Stop
This bit is set by the host to place the StatusSpace Machine in Stop Mode It is also set
upon reset In addition the MACSI device will set this bit upon detecting an unrecoverable error An
unrecoverable error is an ABus error during a PSP fetch or a Pointer RAM Operation (PTOP) In STOP Mode
only PTOP or LMOP service functions may be performed
This bit is set by ABus errors during critical StatusSpace operations Therefore it is recommended that the
entire MACSI device be reset if this bit should get set during normal operation This reset should include
reloading of Pointer RAM values and restarting the PSP queues
D3
CMDE
Command Error
Indicates that the host performed an invalid operation This occurs when an invalid value is
loaded into the Indicate Header Length Register (which also sets the INSTOP attention) This bit is cleared
upon reset
This bit is set when software performs an illegal operation This indicates either a software bug or the
improper operation of the processor Therefore it is recommended that the entire MACSI device be reset if
this bit should get set during normal operation
D4
CWI
Conditional Write Inhibit
Indicates that at least one bit of the previous conditional write operation was not
written This bit is set unconditionally after each write to a conditional write register It is also set when the
value of the Compare Register is not equal to the value of the register that was accessed for a write before it
was written This may indicate that the accessed register has changed since it was last read This bit is
cleared after a successful conditional write CWI bit does not contribute to setting the STA bit of the Master
Attention Register because its associated Notify bit is always 0 This bit is cleared upon reset
D5
CPE
Control Bus Parity Error
Indicates a parity error detected on CBD7 – 0 If there is a Control Bus parity error
during a host write the write is suppressed Control Bus parity errors are reported when flow-through parity is
enabled (the FLOW bit of the Mode Register is set) This bit is cleared upon reset
D6
BPE
BMAC Device Parity Error
Indicates parity error detected on MID7 – 0 This bit is cleared upon reset This bit
is only set if FLOW (parity enable) is set and the error occurred on a frame that the MACSI device has
decided to copy or if it occurred before the copy decision was made
D7
ERR
Error
This bit is set by the MACSI device when a non-recoverable error occurs This includes any ABus
transaction error or an internal state machine error For MACSI revision D or later a descriptor fetch parity
error will also set this bit if the User has enabled parity checking via the SIMR0FLOW bit This bit is cleared
upon reset
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com