Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 42Page - National Semiconductor (TI) DP83266 Datasheet HTML 43Page - National Semiconductor (TI) DP83266 Datasheet HTML 44Page - National Semiconductor (TI) DP83266 Datasheet HTML 45Page - National Semiconductor (TI) DP83266 Datasheet HTML 46Page - National Semiconductor (TI) DP83266 Datasheet HTML 47Page - National Semiconductor (TI) DP83266 Datasheet HTML 48Page - National Semiconductor (TI) DP83266 Datasheet HTML 49Page - National Semiconductor (TI) DP83266 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 152 page
background image
70 Control Information (Continued)
TABLE 7-3 MAC Control Information Address Space
Address
Description
Read
Write
Range
Conditions
Conditions
000 – 007
Operation Registers
Always (Note 2)
Always (Note 2)
008 – 02F
Event Registers
Always (Note 2)
Always (cond) (Note 2)
030 – 03F
Reserved
NA (Note 4)
NA (Note 4)
040 – 07F
MAC Parameters
Stop Mode
Stop Mode
(Notes 1 3)
(Notes 1 3)
080-0BF
CountersTimers
Always
Stop Mode (Note 1)
0C0-0FF
Reserved
NA (Note 4)
NA (Note 4)
Note 1
An attempt to access a currently inaccessible MAC Control location because of the current
mode or because it is a reserved address space will cause a command error (bit CCE of the
Exception Status Register is set to One)
Note 2
Read and write accesses to reserved locations within the Operation and Event Address
ranges of the MAC Control Information Space cause a command error (bit CCE of the Exception
Status Register is set to One)
Note 3
The MAC Parameter RAM is also accessible when conditions a b and c are true Other-
wise accesses will cause a command error (bit CCE of the Exception Status Register is set to One)
and the access will not be performed
a) The MAC Transmitter is in state T0 or T1 or T3
b) OptionITC e 1 and OptionIRR e 1
c) FunctionBCN e 0 and FunctionCLM e 0
Note 4
Reserved bits in registers are always read as 0 and are not writable
TABLE 7-4 MAC Operation Registers
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
Read
Write
000
MCMR0
DIAG
ILB
RES
RES
PIP
MRP
CBP
RUN
Always
Always
001
Option
ITC
EMIND
IFCS
IRPT
IRR
ITR
ELA
ESA
Always
Always
002
Function
RES
RES
RES
CLM
BCN
MCRST
RES
MARST
Always
Always
003 – 004
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
005
MCMR2
RES
RES
RES
AFIE
LLC MCE
SMT MCE
RES
BOSEL
Always
Always
006
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
007
MCRev
REV(7 – 0)
Always
Ignored
Note 1
Attempts to access reserved locations within the MAC Operation Registers will result in Command Rejects (ESRCCE set to ONE)
Note 2
On Master Reset all MAC Operation Registers are set to Zero except the Revision Register
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com