Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 74Page - National Semiconductor (TI) DP83266 Datasheet HTML 75Page - National Semiconductor (TI) DP83266 Datasheet HTML 76Page - National Semiconductor (TI) DP83266 Datasheet HTML 77Page - National Semiconductor (TI) DP83266 Datasheet HTML 78Page - National Semiconductor (TI) DP83266 Datasheet HTML 79Page - National Semiconductor (TI) DP83266 Datasheet HTML 80Page - National Semiconductor (TI) DP83266 Datasheet HTML 81Page - National Semiconductor (TI) DP83266 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 152 page
background image
70 Control Information (Continued)
Access Rules
Address
Read
Write
060–06Fh
Stop Mode
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
PGM10
PGM(87)
PGM(86)
PGM(85)
PGM(84)
PGM(83)
PGM(82)
PGM(81)
PGM(80)
PGM11
PGM(8F)
PGM(8E)
PGM(8D)
PGM(8C)
PGM(8B)
PGM(8A)
PGM(89)
PGM(88)
PGM12
PGM(97)
PGM(96)
PGM(95)
PGM(94)
PGM(93)
PGM(92)
PGM(91)
PGM(90)
PGM13
PGM(9F)
PGM(9E)
PGM(9D)
PGM(9C)
PGM(9B)
PGM(9A)
PGM(99)
PGM(98)
PGM14
PGM(A7)
PGM(A6)
PGM(A5)
PGM(A4)
PGM(A3)
PGM(A2)
PGM(A1)
PGM(A0)
PGM15
PGM(AF)
PGM(AE)
PGM(AD)
PGM(AC)
PGM(AB)
PGM(AA)
PGM(A9)
PGM(A8)
PGM16
PGM(B7)
PGM(B6)
PGM(B5)
PGM(B4)
PGM(B3)
PGM(B2)
PGM(B1)
PGM(B0)
PGM17
PGM(BF)
PGM(BE)
PGM(BD)
PGM(BC)
PGM(BB)
PGM(BA)
PGM(B9)
PGM(B8)
PGM18
PGM(C7)
PGM(C6)
PGM(C5)
PGM(C4)
PGM(C3)
PGM(C2)
PGM(C1)
PGM(C0)
PGM19
PGM(CF)
PGM(CE)
PGM(CD)
PGM(CC)
PGM(CB)
PGM(CA)
PGM(C9)
PGM(C8)
PGM1A
PGM(D7)
PGM(D6)
PGM(D5)
PGM(D4)
PGM(D3)
PGM(D2)
PGM(D1)
PGM(D0)
PGM1B
PGM(DF)
PGM(DE)
PGM(DD)
PGM(DC)
PGM(DB)
PGM(DA)
PGM(D9)
PGM(D8)
PGM1C
PGM(E7)
PGM(E6)
PGM(E5)
PGM(E4)
PGM(E3)
PGM(E2)
PGM(E1)
PGM(E0)
PGM1D
PGM(EF)
PGM(EE)
PGM(ED)
PGM(EC)
PGM(EB)
PGM(EA)
PGM(E9)
PGM(E8)
PGM1E
PGM(F7)
PGM(F6)
PGM(F5)
PGM(F4)
PGM(F3)
PGM(F2)
PGM(F1)
PGM(F0)
PGM1F
PGM(FF)
PGM(FE)
PGM(FD)
PGM(FC)
PGM(FB)
PGM(FA)
PGM(F9)
PGM(F8)
753 Claim Information Requested Target Token Rotation Time (TREQ)
The Requested Target Token Rotation Time is stored in registers TREQ0 – TREQ3 TREQ(31 – 0) is represented as a negative
two’s complement number This value is transmitted in all Claim frames generated by the Ring Engine
Bits TREQ(31 – 24) are always transmitted as and compared with FFh and bits TREQ(7 – 0) are always transmitted as and
compared with 00h independent of the value stored in the MAC Parameter RAM Bit TREQ(0) is transmitted last TREQ is
therefore programmable with 2048 ms resolution and a maximum value of 134 seconds
Access Rules
Address
Read
Write
050–053h
Stop Mode
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
TREQ0
TREQ(31)
TREQ(30)
TREQ(29)
TREQ(28)
TREQ(27)
TREQ(26)
TREQ(25)
TREQ(24)
TREQ1
TREQ(23)
TREQ(22)
TREQ(21)
TREQ(20)
TREQ(19)
TREQ(18)
TREQ(17)
TREQ(16)
TREQ2
TREQ(15)
TREQ(14)
TREQ(13)
TREQ(12)
TREQ(11)
TREQ(10)
TREQ(9)
TREQ(8)
TREQ3
TREQ(7)
TREQ(6)
TREQ(5)
TREQ(4)
TREQ(3)
TREQ(2)
TREQ(1)
TREQ(0)
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com