Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 16Page - National Semiconductor (TI) DP83266 Datasheet HTML 17Page - National Semiconductor (TI) DP83266 Datasheet HTML 18Page - National Semiconductor (TI) DP83266 Datasheet HTML 19Page - National Semiconductor (TI) DP83266 Datasheet HTML 20Page - National Semiconductor (TI) DP83266 Datasheet HTML 21Page - National Semiconductor (TI) DP83266 Datasheet HTML 22Page - National Semiconductor (TI) DP83266 Datasheet HTML 23Page - National Semiconductor (TI) DP83266 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 152 page
background image
50 Functional Description (Ring Engine) (Continued)
A Service Opportunity begins when the criteria presented to
the Ring Engine are met This criteria contains the request-
ed service class (sync async async priority immediate) and
the type of token to capture (restricted non-restricted any
none)
During a service opportunity the Ring Engine guarantees
that a valid frame is sent with at most 40 bytes of preamble
(unless OptionIRPT is set) When data is not ready to be
transmitted Void frames are transmitted to reset the TVX
timers in all stations During an immediate request from the
Claim or Beacon state if the data for external Claim or Bea-
con frame is not ready to be transmitted the Ring Engine
will transmit Claim or Beacon frames using the same inter-
nal data used for normal Claim and Beacon processing
521 Service Opportunity while Ring Operational
Beginning of Service Opportunity
Table 5-1 shows the conditions that must be true when a
valid token is received in order to begin a service opportuni-
ty when the ring is operational
In addition to the criteria mentioned above additional crite-
ria apply to the servicing of Synchronous and Restricted
Requests
 Synchronous Requests are not serviced if
RELRBCNR e 1 (see Section 451)
 Restricted requests are not serviced when
RELRMACR e 1 (see Section 453)
 Restricted Dialogues may only begin when a non-restrict-
ed token has been received and transmitted (see Section
453)
End of Service Opportunity
The Service Opportunity continues until either a token is
issued or the ring becomes non-operational
A token is issued after the current frame if any is transmit-
ted when
1 It is no longer necessary to hold the token
 All frames of all active requests have been transmitted
2 The token became unusable while servicing a request
 Asynchronous Priority threshold reached (if an Async
Priority Request is being serviced)
 THT expired (if enabled)
When the ring becomes non-operational the current frame
transmission is aborted The ring may go non-operational
while holding a token as a result of any one of the following
conditions being present
 A MAC Reset
 Reception of a valid MAC frame
 TRT expiration (TRT was reset when the token was cap-
tured)
Issue Token Type
The criteria presented to the Ring Engine to begin a service
opportunity also contains the Issue Token Class The Issue
Token Class is used if servicing of that request was com-
pleted (the last frame of that request was transmitted) Oth-
erwise a token of the capture token class is issued
TABLE 5-1 Beginning of Service Opportunity
Requested
Requested
Received
Service
Token
Criteria
Token
Class
Capture
Class
Class
Asynchronous non-restricted THT l THSH
non-restricted
Priority
Late
Flag e 0
Ring
Op e 1
Asynchronous non-restricted Late
Flag e 0 non-restricted
Ring
Op e 1
Asynchronous restricted
Late
Flag e 0 restricted
Ring
Op e 1
Synchronous
any
Ring
Op e 1
any
When servicing multiple requests on a single service oppor-
tunity the issue token class of the previous class becomes
the capture class for the next request for purposes of deter-
mining usability
The type of token issued depends on the service class and
the type of token captured as shown in Table 5-2
522 Service Opportunity While Ring Not Operational
While the ring is not operational a service opportunity oc-
curs if an immediate transmission is requested from the
transmitter Data Claim or Beacon state and the transmitter
is in the appropriate state
The service opportunity continues until any one of the fol-
lowing conditions exist
1 No (additional) frames are to be sent
2 Time TMAX elapses on this request
3 The transmitter exits the requested state
4 The ring becomes operational while servicing an immedi-
ate request
523 Frame Transmission
Frames associated with the current request may be trans-
mitted at any time during a Service Opportunity In many
applications data is ready to be transmitted when the Re-
quest is presented to the interface Soon after the Service
Opportunity begins frame transmission begins In other ap-
plications in order to minimize the effects of ring latency it
is desirable to capture the token when no data is ready to
be transmitted This capability results in wasted ring band-
width and should be used judiciously
During transmission a byte stream is passed from the Sys-
tem Interface to the MAC Request Interface The data is
passed through the Ring Engine and appears at the PHY
Request Interface two byte times later
While a frame is being transmitted the Request parameters
for the next Request (if different) may be presented to the
interface At the end of the current frame transmission a
decision is made to continue or cancel the current service
opportunity based on the new Request parameters
Several errors can occur during a transmission A transmis-
sion may be terminated unsuccessfully because of external
buffering or interface parity errors internal Ring Engine er-
rors a MAC reset or reception of a MAC frame When a
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com