Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 39Page - National Semiconductor (TI) DP83266 Datasheet HTML 40Page - National Semiconductor (TI) DP83266 Datasheet HTML 41Page - National Semiconductor (TI) DP83266 Datasheet HTML 42Page - National Semiconductor (TI) DP83266 Datasheet HTML 43Page - National Semiconductor (TI) DP83266 Datasheet HTML 44Page - National Semiconductor (TI) DP83266 Datasheet HTML 45Page - National Semiconductor (TI) DP83266 Datasheet HTML 46Page - National Semiconductor (TI) DP83266 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 152 page
background image
70 Control Information
71 OVERVIEW
The Control Information includes Operation Event Status
and Parameter Registers that are used to manage and op-
erate the MACSI Device A controller on the external Con-
trol Bus gains access to read and write these parameters
via the Control Bus Interface
The MACSI device combines the functions of the original
DP83261 BMAC device and the DP83265 BSI device with
many enhanced capabilities The MACSI device has addi-
tional Control Bus address lines compared to the BMAC and
BSI devices (CBA(80)) When the most significant address
bit (CBA8) is zero the internal BMAC register block is se-
lected When CBA8 is 1 the internal BSI register block is
selected The actual addresses within the MACSI device are
defined in Table 7-1 and Table 7-2
All registers and control bits within the BSI register block of
the MACSI device have the same relative addresses and
functions as they do in the BSI device All registers and
control bits within the BMAC register block of the MACSI
device have the same relative addresses and functions as
they do in the BMAC device The only exceptions to this are
shown in the detailed register descriptions following the
memory map table There are two registers which have new
features unique to the MACSI device or functions which are
slightly modified from the original BMAC or BSI device
These are MCMR0 and MCMR2
TABLE 7-1 MACSI Memory Map (BMAC Registers)
Address
Register Name
Access Rules
Reset
Value
Read
Write
000
MAC Mode Register 0 (MCMR0)
Always
Always
00
001
Option Register (Option)
Always
Always
00
002
Function Register (Function)
Always
Always
00
003
Reserved
NA
NA
004
Reserved
NA
NA
005
MAC Mode Register 2 (MCMR2)
Always
Always
00
006
Reserved
NA
NA
007
MAC Revision (MCRev)
Always
Data Ignored
008
MAC Compare Register (MCCMP)
Always
Always
00
009 – 00B
Reserved
NA
NA
00C
Current Receiver Status Register (CRS0)
Always
Data Ignored
00
00D
Reserved
NA
NA
00E
Current Transmitter Status Register (CTS0)
Always
Data Ignored
00
00F
Reserved
NA
NA
010
Ring Event Latch Register 0 (RELR0)
Always
Conditional
00
011
Ring Event Mask Register 0 (REMR0)
Always
Always
00
012
Ring Event Latch Register 1 (RELR1)
Always
Conditional
00
013
Ring Event Mask Register 1 (REMR1)
Always
Always
00
014
Token and Timer Event Latch Register (TELR0)
Always
Conditional
00
015
Token and Timer Event Mask Register (TEMR0)
Always
Always
00
016 – 017
Reserved
NA
NA
018
Counter Increment Latch Register (CILR)
Always
Conditional
00
019
Counter Increment Mask Register (CIMR)
Always
Always
00
01A – 01B
Reserved
NA
NA
01C
Counter Overflow Latch Register (COLR)
Always
Conditional
00
01D
Counter Overflow Mask Register (COMR)
Always
Always
00
01E – 027
Reserved
NA
NA
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com