Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 92Page - National Semiconductor (TI) DP83266 Datasheet HTML 93Page - National Semiconductor (TI) DP83266 Datasheet HTML 94Page - National Semiconductor (TI) DP83266 Datasheet HTML 95Page - National Semiconductor (TI) DP83266 Datasheet HTML 96Page - National Semiconductor (TI) DP83266 Datasheet HTML 97Page - National Semiconductor (TI) DP83266 Datasheet HTML 98Page - National Semiconductor (TI) DP83266 Datasheet HTML 99Page - National Semiconductor (TI) DP83266 Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 152 page
background image
70 Control Information (Continued)
Service Attention Register (SAR)
The Service Attention Register (SAR) is used to present the attentions for the service functions Each bit may be enabled by
setting the corresponding bit in the State Notify Register
This register is set to the value 0Fh upon reset
Access Rules
Address
Read
Write
108h
Always
Conditional
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
RES
ABR0
ABR1
LMOP
PTOP
Bit
Symbol
Description
D0
PTOP
Pointer RAM Operation
This bit is cleared by the host to cause the MACSI device to transfer data
between a Pointer RAM Register and a predefined mailbox location in memory The Pointer RAM Control
and Address Register contains the Pointer RAM Register address and determines the direction of the
transfer (read or write) The memory address is defined via the Mailbox Address Register This bit is set by
the MACSI device after it performs the data transfer
While PTOP e 0 the host must not alter the Pointer RAM Address and Control Register or the Mailbox
Address Register
D1
LMOP
Limit RAM Operation
This bit is cleared by the host to cause the MACSI device to transfer data between
a Limit RAM Register and the Limit Data and Limit Address Registers The Limit Address Register
contains the Limit RAM Register address and determines the direction of the transfer (read and write)
This bit is set by the MACSI device after it performs the data transfer
While LMOP e 0 the host must not alter either the Limit Address or Limit Data Register
D2
ABR1
Abort Request RCHN1
This bit is cleared by the host to abort a Request on RCHN1 This bit is set by the
MACSI device when RQABORT ends a request on RCHN1 The host may writea1to this bit which may
or may not prevent the request from being aborted When this bit is cleared by the host the USR1 bit in
the Request Attention Register is set and further processing on RCHN1 is halted
D3
ABR0
Abort Request RCHN0
This bit is cleared by the host to abort a Request on RCHN0 This bit is set by the
MACSI device when RQABORT ends a request on RCHN0 The host may writea1to this bit which may
or may not prevent the request from being aborted When this bit is cleared by the host the USR0 bit in
the Request Attention Register is set and further processing on RCHN0 is halted
D7 – D4
RES
Reserved
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com