Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 7Page - National Semiconductor (TI) DP83266 Datasheet HTML 8Page - National Semiconductor (TI) DP83266 Datasheet HTML 9Page - National Semiconductor (TI) DP83266 Datasheet HTML 10Page - National Semiconductor (TI) DP83266 Datasheet HTML 11Page - National Semiconductor (TI) DP83266 Datasheet HTML 12Page - National Semiconductor (TI) DP83266 Datasheet HTML 13Page - National Semiconductor (TI) DP83266 Datasheet HTML 14Page - National Semiconductor (TI) DP83266 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
30 Architectural Description (Continued)
TLF11705 – 6
FIGURE 3-4 Service EngineBIU Internal Block Diagram
Upon receiving the data the Indicate Block performs the
following functions
 Decodes the Frame Control field to determine frame type
 Sorts received frames onto Channels according to the
Sort Mode
 Optionally Filters identical MAC frames
 Filters Void frames
 Copies the received frames to memory according to
Copy Criteria
 Writes status for the received frames to the Indicate
Status Queue
 Issues interrupts to the host at host-defined status break-
points
342 Request Machine
The Request Machine presents frames to the Ring Engine
(MAC) in a byte stream format (MA
Request)
The Request Machine performs the following functions
 Reads frames from host memory and assembles them
onto Request Channels
 Prioritizes active requests
 Transmits frames to the Ring Engine (MAC)
 Optionally writes status for transmitted and returning
frames
 Issues interrupts to the host on user-defined group
boundaries
343 StatusSpace Machine
The StatusSpace Machine is used by both the Indicate Ma-
chine and the Request Machine
The StatusSpace Machine manages all descriptor Queues
and writes status for received and transmitted frames
344 Bus Interface Unit
The Bus Interface Unit (BIU) is used by both the Indicate
and Request Blocks It manages the ABus Interface provid-
ing the MACSI device with a 32-bit data path to local or
system memory
The Bus Interface Unit controls the transfer of Data Units
and Descriptors between the MACSI device and Host mem-
ory via the ABus
Data and Descriptors are transferred between the MACSI
device and Host memory Each Channel type handles a set
of Data and Descriptor objects The three Indicate (Receive)
Channels use the following objects
1 Input Data Units (written by MACSI)
2 Input Data Unit Descriptors (written by MACSI)
3 Pool Space Descriptors (read by MACSI)
The two Request (Transmit) Channels each use the follow-
ing objects
1 Output Data Units (read by MACSI)
2 Output Data Unit Descriptors (read by MACSI)
3 Confirmation Message Descriptors (written by MACSI)
4 Request Descriptors (read by MACSI)
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com