Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 3Page - National Semiconductor (TI) DP83266 Datasheet HTML 4Page - National Semiconductor (TI) DP83266 Datasheet HTML 5Page - National Semiconductor (TI) DP83266 Datasheet HTML 6Page - National Semiconductor (TI) DP83266 Datasheet HTML 7Page - National Semiconductor (TI) DP83266 Datasheet HTML 8Page - National Semiconductor (TI) DP83266 Datasheet HTML 9Page - National Semiconductor (TI) DP83266 Datasheet HTML 10Page - National Semiconductor (TI) DP83266 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
30 Architectural Description (Continued)
31 INTERFACES
311 PHY Interface
The PHY Interface is a synchronous interface that provides
a byte stream to the PLAYERa device (the PHY Request
byte stream PHY
Request) and receives a byte stream
from the PLAYERa device (the PHY Indicate byte stream
PHY
Indicate)
The 10 bits transferred in both directions across the
PH
Indicate and PH
Request Interfaces consists of one
parity bit (odd parity) one control bit and 8 bits of data The
control bit determines if the 8 data bits are a data symbol
pair or a control symbol pair
312 ABus Interface
The ABus interface provides the high performance synchro-
nous Data and Control interface to the Host System andor
local memory Data and Descriptors are transferred via this
interface over the 32-bit Data bus (with byte parity) Both
multiplexed and non-multiplexed address information is
available on this bus Arbitration and transfer control signals
are provided and minimize the requirements for external
glue logic
313 Control Bus Interface
The Control Interface implements the interface to the Con-
trol Bus which allows the user to initialize monitor and diag-
nose the operation of the MACSI The Control Interface is
an 8-bit interface This reduces the pinout and minimizes
board space All information that must be synchronized with
the data stream crosses the ABus Interface
The Control Bus is separated completely from the high per-
formance data path in order to allow independent operation
of the processor on the Control Bus The Control Interface
provides synchronization between the asynchronous Con-
trol Bus and the synchronous operation of the device
During operation the host uses the Control Bus to access
the device’s internal registers and to manage the attention
notify (interrupt) logic
32 RING ENGINE
The Ring Engine consists of four blocks Receiver Trans-
mitter
MAC Parameter RAM
and CountersTimers as
shown in
Figure 3-2
321 Receiver
The Receiver accepts data from the PHY level device in
byte stream format (PH
Indicate)
Upon receiving the data the Receiver performs the follow-
ing functions
 Determines the beginning and ending of a Protocol Data
Unit (PDU)
 Decodes the Frame Control field to determine the PDU
type (frame or token)
 Compares the received Destination and Source Address-
es with the internal addresses
 Processes data within the frame
 Calculates and checks the Frame Check Sequence at
the end of the frame
 Checks the Frame Status field
And finally the Receiver presents the data to the MAC Inter-
face
along
with
the
appropriate
control
signals
(MA
Indicate)
322 Transmitter
The Transmitter inserts frames from this station into the ring
in accordance with the FDDI Timed-Token MAC protocol It
also repeats frames from other stations in the ring The
Transmitter block multiplexes data from the MA
Request
Interface and data from the Receiver Block During frame
transmission data from the Request Interface is selected
During frame repeating data from the Receiver is selected
TLF11705 – 3
FIGURE 3-2 Ring Engine Block Diagram
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com