Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 9Page - National Semiconductor (TI) DP83266 Datasheet HTML 10Page - National Semiconductor (TI) DP83266 Datasheet HTML 11Page - National Semiconductor (TI) DP83266 Datasheet HTML 12Page - National Semiconductor (TI) DP83266 Datasheet HTML 13Page - National Semiconductor (TI) DP83266 Datasheet HTML 14Page - National Semiconductor (TI) DP83266 Datasheet HTML 15Page - National Semiconductor (TI) DP83266 Datasheet HTML 16Page - National Semiconductor (TI) DP83266 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
40 FDDI MAC Facilities (Continued)
421 Frame Fields
Start of Frame Sequence (SFS)
The Start of Frame Sequence consists of the Preamble (PA)
followed by the Starting Delimiter (SD)
The Preamble is a sequence of zero or more Idle symbols
that is used to separate frames The Ring Engine Receiver
can process and repeat a frame or token with no preamble
The Ring Engine Transmitter generates frames with at least
8 bytes of preamble The Ring Engine Transmitter also
guarantees that valid FDDl frames will never be transmitted
with more than 40 bytes of preamble
The Starting Delimiter is used to indicate the start of a new
frame The Starting Delimiter is the JK Symbol pair
The Ring Engine expects the Starting Delimiter to be con-
veyed across the PH
Indication Interface as a single byte
Similarly the Ring Engine only generates Starting Delimiters
aligned to the byte boundary
Frame Control (FC)
The Frame Control field is used to discriminate frames For
tokens the FC field identifies Restricted and Non-restricted
tokens For other frames the FC field identifies the frame
type and format and how the frame is to be processed
The one byte FC field is formatted as shown in
Figure 4-3
CLFFrZZZ
FIGURE 4-3 Frame Control Field
The C (Class) bit specifies the MAC Service Class as Asyn-
chronous (C e 0) or Synchronous (C e 1)
The L (Length) bit specifies the length of the MAC Address
as Short (L e 0) or Long (L e 1) A Short Address is a
16-bit address A Long Address is a 48-bit address
The FF (Format) bits specify the frame types as shown in
Table 4-3
The r (Reserved) bit is currently not specified and should
always be transmitted as Zero
The ZZZ (Control) bits are used in conjunction with the C
and FF bits to specify the type of frames These bits may be
used to affect protocol processing criteria such as the Priori-
ty Protocol Class Status Handling etc
TABLE 4-3 Frame Control Format Bits
FCFF
Frame Types
0
0
SMTMAC
0
1
LLC
1
0
reserved for implementer
1
1
reserved for future standardization
When the Frame Control Format bits (FCFF) indicate an
SMT or MAC frame the frame type is identified as shown in
Table 4-4
TABLE 4-4 MACSMT Frame Types
CLFF
rZZZ
Frame Type
1000
0000
Non-restricted Token
1100
0000
Restricted Token
0L00
0000
Void Frame
0L00 0001 to 1110 SMT Frame
0L00
1111
SMT Next Station Addressing Frame
1L00
0001
Other MAC Frame
1L00
0010
MAC Beacon Frame
1L00
0011
MAC Claim Frame
1L00
0100
MAC Purge Frame
1L00 0101 to 1111 Other MAC Frame
Destination Address (DA)
The Destination Address (DA) field is used to specify the
station(s) that should receive and process the frame
The DA can be an Individual or Group address This is de-
termined by the Most Significant Bit of the DA (DAlG)
When DAIG is 0 the DA is an Individual Address when
DAlG is 1 the DA is a Group Address The BroadcastUni-
versal address is a Group Address
The DA field can be a Long or Short Address This is deter-
mined by the L bit in the FC field (FCL) If FCL is 1 the DA
is a 48-bit Long Address If FCL is 0 the DA is a 16-bit
Short Address
The Ring Engine maintains a 16-bit Individual Address (My
Short Address (MSA)) and a 48-bit Individual Address (My
Long Address (MLA))
On the receive side if DAlG is 0 the incoming DA is com-
pared with MLA (if FCL e 1) or MSA (if FCL e 0) If the
received DA matches MLA or MSA the frame is intended for
this station and the address recognized flag (A
Flag) is set
If DAlG is 1 the DA is a Group Address and is compared
with the set of Group Addresses recognized by the Ring
Engine If a match occurs the address recognized flag
(A
Flag) is set The A
Flag is used by system interface
logic as part of the criteria (with FCL DAlG and M
Flag)
to determine whether or not to copy the frame lf the
A
Flag is set the system interface will normally attempt to
copy the frame
On the transmit side the DA is provided by the system inter-
face logic as part of the data stream The length of the
address to be transmitted is determined by the L bit of the
FC field (The FC field is also passed in the data stream)
The Destination Address can be an Individual Group or
Broadcast Address
Source Address (SA)
The Source Address (SA) field is used to specify the ad-
dress of the station that originally transmitted the frame
The Source Address has the same length as the Destination
Address (ie if the DA is a 16-bit Address the SA is a 16-bit
Address if the DA is a 48-bit Address the SA is a 48-bit
Address)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com