Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 28Page - National Semiconductor (TI) DP83266 Datasheet HTML 29Page - National Semiconductor (TI) DP83266 Datasheet HTML 30Page - National Semiconductor (TI) DP83266 Datasheet HTML 31Page - National Semiconductor (TI) DP83266 Datasheet HTML 32Page - National Semiconductor (TI) DP83266 Datasheet HTML 33Page - National Semiconductor (TI) DP83266 Datasheet HTML 34Page - National Semiconductor (TI) DP83266 Datasheet HTML 35Page - National Semiconductor (TI) DP83266 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 152 page
background image
60 Functional Description (Service Engine) (Continued)
enabled Therefore for applications which do not use exter-
nal address matching ECIP should be tied low Note also
that if ECIP remains asserted to the point where the incom-
ing frame data completely fills the MACSI device’s Indicate
Data FIFO (4608 bytes for a MACSI device) then the frame
will be dropped due to a FIFO overrun
The LEARN pin provides MAC state machine information
and ring state information useful for building learning bridg-
es The Receive logic of a bridge may wish to avoid copying
frames or learning the source address of frames put on the
ring by this same bridge However use of the Source Ad-
dress Transparency option (SAT) can make recognition of
frames sourced by this bridge difficult The LEARN pin pro-
vides a mechanism for the bridge to determine which
frames and addresses it should copylearn
The MACSI device deasserts the LEARN pin under the fol-
lowing conditions
1 Ring Non-Operational The MACSI device will deassert
the LEARN pin whenever the ring is Non-Operational
2 The Transmitter is holding the Token While this station
holds the Token the only valid frames it should receive
(other than MAC frames which indicate a fault or no-
owner frames that should be ignored in this case) con-
sist of those frames that this station sent Therefore the
MACSI device deasserts the LEARN pin (Actually the
MACSI deasserts LEARN whenever the MAC transmitter
is in the ‘‘Repeat’’ state)
3 For the duration of ‘‘My
Void Stripping’’ The My
Void
Stripping mechanism allows the MACSI device to strip
frames from the ring that it sent using Source Address
Transparency Before releasing the Token the MACSI
device releases two My
Void frames It continues to
strip until the Receiver recognizes at least one My
Void
(or other MAC) frame LEARN will remain low during
My
Void stripping
4 The Source Address field equals ‘‘My Long Address’’
(MLA) If the internal address matching logic recognizes
the source address of the incoming frame as its own the
MACSI device will deassert the LEARN pin
5 Frames using short (16-bit) address The MACSI deas-
serts the LEARN pin for all frames that use 16-bit ad-
dresses (FCL e 0) Learning bridges usually work with
48-bit addresses
Thus the MACSI device will only assert LEARN for 48-bit
addressed frames that this station did not source (Source
Address i MLA and Not My
Void stripping) received
while the ring is Operational
External logic monitoring the LEARN pin must sample it at
the appropriate point for each received frame Measured at
the MACSIPLAYERa interface (PID) the LEARN pin be-
comes valid at the 4th byte of the Information Field (INFO3)
External logic may sample this pin at INFO3 or later
The MACSI device may or may not assert the LEARN pin at
the beginning of a frame (for the reasons given above) and
LEARN may change state up to INFO3 at the PID interface
Normally LEARN will remain stable during the body of a
frame (up to the End Delimiter) However a MAC Reset a
Master Reset etc may cause the MACSI to deassert the
LEARN pin anywhere within a frame The Designer should
account for these exceptions when designing any logic that
relies on the LEARN pin
The AFLAG Inhibit (AFINHIB available on MACSI revision D
and later) allows the User to suppress the internal Address
matching signal between the MAC and System Interface
The MACSI will ignore the AFINHIB pin until the User sets
the AFLAG Inhibit Enable bit of the MAC Mode Register 2
(MCMR2AFIE) To block an internal address match the
User must assert the AFINHIB input before the 7th byte of
the INFO field as measured at the PID interface
Normally internal matches take precedence over external
matches The User might use AFINHIB to defeat this prece-
dence and steer a frame that matches both an internal and
external address to the external sort channel This pin also
provides an easy mechanism for suppressing the matching
of broadcast (and multicast) frames during bridging For
these applications the User may connect the LEARN pin
directly to the AFINHIB pin This will prevent internal ad-
dress matches of any frame during My
Void stripping
64 BUS INTERFACE UNIT
641 Overview
The ABus provides a 32-bit wide synchronous multiplexed
addressdata bus for transfers between the host system
and the MACSI device The ABus uses a bus requestbus
grant protocol that allows multiple bus masters supports
burst transfers of 16 and 32 bytes and supports virtual and
physical addressing using fixed-size pages The MACSI de-
vice is capable of operating directly on the system bus to
main memory or connected to external shared memory
All bus signals are synchronized to the master bus clock
The maximum burst speed is one 32-bit word per clock but
slower speeds may be accommodated by inserting wait
states The user may use separate clocks for the ring (FDDI
MAC) and system (ABus) interfaces The only restriction is
that the ABus clock must be at least as fast as the ring clock
(LBC) It is important to note that all ABus outputs change
and all ABus inputs are sampled on the rising edge of
AB
CLK
The MACSI device has two major modes of ABus operation
The default or ‘‘normal’’ mode corresponds to the original
BSI device and is completely backward compatible The
second mode is the Enhanced ABus mode This mode is
intended to reduce the logic required to interface to the
SBus originally developed by Sun Microsystems Inc When
the enhanced mode is selected the MACSI device timing
and interface signals are modified slightly to create a closer
fit to the SBus This lowers the cost and eases design of
SBus FDDI adapter cards This new mode is accessible by
programming a mode bit in a register (MR1EAM e 1) This
bit is set to an inactive state upon reset to maintain back-
ward compatibility with the original BSI device
Addressing Modes
In the default ABus mode The Bus Interface Unit has two
Address Modes as selected by the user Physical Address
Mode and Virtual Address Mode In Physical Address Mode
the MACSI device emits the memory address and immedi-
ately begins transferring the data In Virtual Address Mode
the
MACSI
device
inserts
two
clock
cycles
and
TRI-STATE
the address between emitting the virtual ad-
dress and starting to transfer the data This allows virtual-to-
physical address translation by an external memory map-
ping unit (MMU)
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com