Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 95Page - National Semiconductor (TI) DP83266 Datasheet HTML 96Page - National Semiconductor (TI) DP83266 Datasheet HTML 97Page - National Semiconductor (TI) DP83266 Datasheet HTML 98Page - National Semiconductor (TI) DP83266 Datasheet HTML 99Page - National Semiconductor (TI) DP83266 Datasheet HTML 100Page - National Semiconductor (TI) DP83266 Datasheet HTML 101Page - National Semiconductor (TI) DP83266 Datasheet HTML 102Page - National Semiconductor (TI) DP83266 Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 152 page
background image
70 Control Information (Continued)
Bit
Symbol
Description
D4
NSI0
No Status Space on ICHN0
This bit is set by the MACSI device upon a Reset or when an IDUD has been
written to the next-to-last available entry in the Indicate Channel’s IDUD Status Queue When this occurs the
MACSI device stops copying on ICHN0 and the last IDUD is written with special status This bit must be
cleared by the host before the MACSI device will resume copying on this Channel Note that this bit should
only be cleared after the appropriate limit register has been updated to give the MACSI device more status
space
D5
LDI0
Low Data Space on ICHN0
This bit is set by the MACSI device upon Reset or when a PSP is prefetched
from ICHN0’s last PSP Queue location (as defined by the PSP Queue Limit Register) Note that the amount of
warning is dependent on the length of the frame There will always be one more page (4 kBytes) available for
the MACSI device when this attention is generated Another FDDI maximum-length frame (after the current
one) will not fit in this space If PSP fetching was stopped because there were no more PSP entries fetching
will resume automatically when the PSP Queue Limit Register is updated This bit will be cleared automatically
when the new PSP Descriptors are fetched This bit should never be cleared directly by software Clearing this
bit can cause the MACSI device to fetch invalid PSP descriptors
D6
NSR1
No Status Space on RCHN1
This bit is set by the MACSI device upon a Reset or when it has written a CNF
Descriptor to the next-to-last Queue location Due to internal pipelining the MACSI device may write up to two
more CNFs to the Queue after this attention is generated Thus the Host must set the CNF Queue Limit
Register to be one less than the available space in the Queue This bit (as well as the USR attention bit) must
be cleared by the Host before the MACSI device will continue to process requests on RCHN1 Note that this
bit should only be cleared after the appropriate limit register has been updated to give the MACSI device more
status space
D7
NSR0
No Status Space on RCHN0
This bit is set by the MACSI device upon Reset or when it has been written a
CNF Descriptor to the next-to-last Queue location Due to internal pipelining the MACSI device may write up to
two more CNFs to the Queue after this attention is generated Thus the Host must set the CNF Queue Limit
Register to be one less than the available space in the Queue This bit (as well as the USR attention bit) must
be cleared by the Host before the MACSI device will continue to process requests on RCHN0 Note that this
bit should only be cleared after the appropriate limit register has been updated to give the MACSI device more
status space
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com