Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83266 Datasheet HTML 1Page - National Semiconductor (TI) DP83266 Datasheet HTML 2Page - National Semiconductor (TI) DP83266 Datasheet HTML 3Page - National Semiconductor (TI) DP83266 Datasheet HTML 4Page - National Semiconductor (TI) DP83266 Datasheet HTML 5Page - National Semiconductor (TI) DP83266 Datasheet HTML 6Page - National Semiconductor (TI) DP83266 Datasheet HTML 7Page - National Semiconductor (TI) DP83266 Datasheet HTML 8Page - National Semiconductor (TI) DP83266 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 152 page
background image
20 General Features (Continued)
These paths allow error isolation at the device level
The MACSI device also supports through parity Even when
parity is not used by the system parity support can be pro-
vided across the PHY Interface
211 32-BIT ADDRESSDATA PATH TO HOST MEMORY
The MACSI device provides a 32-bit wide synchronous data
interface which permits connection to a standard multi-
master system bus operating from 125 MHz to 33 MHz or
to local memory using Big or Little Endian byte ordering
Demultiplexed addresses are provided on dedicated pins
Address information is also multiplexed on the data pins to
provide backward compatibility for designs based on the
BSI device The local memory may be static or dynamic For
maximum performance the MACSI device uses burst mode
transfers with four or eight 32-bit words to a burst To assist
the user with the burst transfer capability the three bits of
the address which cycle during a burst are output as demul-
tiplexed signals Maximum burst speed is one 32-bit word
per clock but slower speeds may be accommodated by in-
serting wait states
The MACSI device can operate within any combination of
cached non-cached paged or non-paged memory environ-
ments To provide this capability all data structures are con-
tained within a page boundary and bus transactions never
cross page boundaries The MACSI device performs all bus
transactions within aligned blocks to ease the interface to a
cached environment
212 MULTI-CHANNEL ARCHITECTURE
The MACSI device provides three Input Channels and two
Output Channels which are designed to operate indepen-
dently and concurrently They are separately configured by
the user to manage the reception or transmission of a par-
ticular kind of frame (for example synchronous frames
only)
213 SUPPORT FOR HEADERINFO SPLITTING
In order to support high performance protocol processing
the MACSI device can be programmed to split the header
and information portions of (non-MACSMT) frames be-
tween two Indicate Channels Frame bytes from the Frame
Control field (FC) up to the user-defined header length are
copied onto Indicate Channel 1 and the remaining bytes
(Info) are copied onto Indicate Channel 2 This is useful for
separating protocol headers from data and allows them to
be stored in different regions of memory to prevent unnec-
essary copying In addition a protocol monitor application
may decide to copy only the header portion of each frame
214 MAC BRIDGING SUPPORT
Support for bridging and monitoring applications is provided
by the InternalExternal Sorting Mode All frames matching
the external address (frames requiring bridging) are sorted
onto Indicate Channel 2 MAC and SMT frames matching
the internal (Ring Engine) address are sorted onto Indicate
Channel 0 and all other frames matching the device’s inter-
nal address (short or long) are sorted onto Indicate
Channel 1
215 ADDRESS BIT SWAPPING
The MACSI contains the necessary logic for swapping the
address fields within each frame between FDDI and IEEE
Canonical bit order This involves a bit reversal within each
byte of the address field (eg 08-00-17-C2-A1-03 would be-
come 1000E84385C0) This option is selectable on a per
channel basis and is supported on all transmit and receive
channels This is useful for bridging FDDI to Ethernet or for
swapping addresses for higher level protocols
216 STATUS BATCHING SERVICES
The MACSI device provides status for transmitted and re-
ceived frames Interrupts to the host are generated only at
status breakpoints which are defined by the user on a per
DMA Channel basis Breakpoints are selected when the
Channel is configured for operation To allow batching the
MACSI provides a status option called Tend that causes
the device to generate a single Confirmation Message De-
scriptor (CNF) for one or more Request Descriptors (REQs)
The MACSI device further reduces host processing time by
separating received frame status from the received data
This allows the CPU to scan quickly for errors when decid-
ing whether further processing should be done on received
frames If status was embedded in the data stream all data
would need to be read contiguously to find the Status Indi-
cator
217 RECEIVE FRAME FILTERING SERVICES
To increase performance and reliability the MACSI device
can be programmed to filter out identical MAC (same FC
and Info field) or SMT frames received from the ring Void
frames are filtered out automatically Filtering unnecessary
frames reduces the fill rate of the Indicate FIFO reduces
CPU frame processing time and reduces memory bus
transactions
218 TWO TIMING DOMAINS
To provide maximum performance and system flexibility the
MACSI device uses two independent clocks one for the
MAC (ring) Interface and one for the systemmemory bus
The MACSI device provides a fully synchronized interface
between these two timing domains
219 CLUSTERED INTERRUPTS
The MACSI device can be operated in a polled or interrupt-
driven environment The MACSI device provides the ability
to generate attentions (interrupts) at group boundaries
Some boundaries are pre-defined in hardware others are
defined by the user when the Channel is configured This
interrupt scheme significantly reduces the number of inter-
rupts to the host thus reducing host processing overhead
220 FIFO MEMORY
The MACSI device contains over 9 kBytes of on-chip FIFO
memory This memory includes separate 46 kByte FIFOs
for both the Transmit (Request) and Receive (Indicate) data
paths These data FIFOs allow the MACSI device to support
over 370 ms of bus latency for both transmit and receive
They also allow the MACSI device to buffer entire maximum
length FDDI frames on-chip for both transmit and receive
simultaneously This allows lower cost systems by enabling
the MACSI device to reside directly on system buses with
high latency requirements
These FIFOs support all of the features available in the orig-
inal BSI device including two transmit and three receive
channels to make efficient use of the FIFO resources New
transmit thresholds are available to allow full use of the larg-
er transmit FIFO
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com