Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 79Page - National Semiconductor (TI) DP83266 Datasheet HTML 80Page - National Semiconductor (TI) DP83266 Datasheet HTML 81Page - National Semiconductor (TI) DP83266 Datasheet HTML 82Page - National Semiconductor (TI) DP83266 Datasheet HTML 83Page - National Semiconductor (TI) DP83266 Datasheet HTML 84Page - National Semiconductor (TI) DP83266 Datasheet HTML 85Page - National Semiconductor (TI) DP83266 Datasheet HTML 86Page - National Semiconductor (TI) DP83266 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 152 page
background image
70 Control Information (Continued)
Negotiated Target Rotation Time (TNEG0 – 3)
The Negotiated Target Rotation Time (TNEG0 – 3) is a 32-bit twos complement value It is the result of the Claim process TNEG
is loaded either directly from the received Claim Information field (T
Bid
Rc) or via the Control Interface
The first byte of TNEG (bits TNEG(31 – 24)) always contains FFh TNEG has a maximum value of 134 seconds and a resolution
of 80 ns
TRT is loaded with TNEG when the Ring
Operational flag is set TNEG is not automatically compared with TREQ when the
Ring
Operational flag is set This should be checked by software whenever the ring becomes operational to make sure that
TNEG is less than or equal to TREQ
An implementation of the SM
ControlRequest (Reset) should load TNEG with TMAX to remove any possibility of the station
entering Claim early
On a Master Reset (bit MARST in the Function Register is set) TNEG is set to FFE00000 which corresponds to 167772 ms
the default TMAX specified by the FDDI MAC Standard
Access Rules
Address
Read
Write
098–09Bh
Always
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
TNEG0
TNEG(31)
TNEG(30)
TNEG(29)
TNEG(28)
TNEG(27)
TNEG(26)
TNEG(25)
TNEG(24)
TNEG1
TNEG(23)
TNEG(22)
TNEG(21)
TNEG(20)
TNEG(19)
TNEG(18)
TNEG(17)
TNEG(16)
TNEG2
TNEG(15)
TNEG(14)
TNEG(13)
TNEG(12)
TNEG(11)
TNEG(10)
TNEG(9)
TNEG(8)
TNEG3
TNEG(7)
TNEG(6)
TNEG(5)
TNEG(4)
TNEG(3)
TNEG(2)
TNEG(1)
TNEG(0)
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com