Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 48Page - National Semiconductor (TI) DP83266 Datasheet HTML 49Page - National Semiconductor (TI) DP83266 Datasheet HTML 50Page - National Semiconductor (TI) DP83266 Datasheet HTML 51Page - National Semiconductor (TI) DP83266 Datasheet HTML 52Page - National Semiconductor (TI) DP83266 Datasheet HTML 53Page - National Semiconductor (TI) DP83266 Datasheet HTML 54Page - National Semiconductor (TI) DP83266 Datasheet HTML 55Page - National Semiconductor (TI) DP83266 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 152 page
background image
70 Control Information (Continued)
The MACSI device has two interrupts signals One provides
interrupts on those events generated by the MAC state ma-
chines (INT0) and the other provides interrupts on those
events generated by the System Interface state machines
(INT1) This partition maintains hardware and software com-
patibility with earlier designs based on the BMAC and BSI
devices
At the first level of the hierarchy events are recorded as bits
in the Attention Registers (eg No Space Attention Regis-
ter) Each Attention Register has a corresponding Notify
Register (eg No Space Notify Register) When a bit in the
Attention Register is set to One and its corresponding bit in
the Notify Register is also set to One the corresponding bit
in the Master Attention Register will be set to one
At the second level of the hierarchy if a bit in the Master
Attention Register is set to One and the corresponding bit in
the Master Notify Register is set to One the Interrupt signal
is asserted
To ensure that events are not missed when updating the
attention registers all attention registers are conditional
write registers Bits in Conditional Write Registers (eg No
Space Attention Register) are only written when the corre-
sponding bits in the Compare Register are equal to the bits
to be overwritten Read operations for conditional write reg-
isters automatically cause the Compare Register to be load-
ed with the contents of the conditional write register being
accessed The MACSI device contains two compare regis-
ters One is used for Ring Engine Event Registers (MCCMP)
and the other is used for System Interface Event Registers
(SICMP)
Events are recorded in Attention Registers and contribute to
the Interrupt when the bit in the corresponding Notify Regis-
ter is set (see
Figure 7-1 ) Bits in the Master Attention Reg-
ister (MAR) are not cleared directly They are cleared by
clearing the lower level attention andor notify register
The Event Registers include the following registers
 Ring Engine Event Registers (INT0)
MAC Compare Register (MCCMP)
Current Receiver Status Register (CRS0)
Current Transmitter Status Register (CTS0)
Ring Event Latch Registers (RELR0 – 1)
Ring Event Mask Registers (REMR0 – 1)
Token and Timer Event Latch Register (TELR0)
Token and Timer Event Mask Register (TEMR0)
Counter Increment Latch Register (CILR)
Counter Increment Mask Register (CIMR)
Counter Overflow Latch Register (COLR)
Counter Overflow Mask Register (COMR)
Internal Event Latch Register (IELR)
Exception Status Register (ESR)
Exception Mask Register (EMR)
Interrupt Condition Register (ICR)
Interrupt Mask Register (IMR)
 Service Engine Event Registers (INT1)
Master Attention Register (MAR)
Master Notify Register (MNR)
State Attention Register (STAR)
State Notify Register (STNR)
Service Attention Register (SAR)
Service Notify Register (SNR)
No Space Attention Register (NSAR)
No Space Notify Register (NSNR)
Request Attention Register (RAR)
Request Notify Register (RNR)
Indicate Attention Register (IAR)
Indicate Notify Register (INR)
System Interface Compare Register (SICMP)
Servicing Interrupts
In the process of servicing an interrupt the Host may use
one or both levels of condition masks to disable new inter-
rupts while one is being serviced Soon after the Manage-
ment Entity has processed the interrupt to some extent it is
ready to re-arm the interrupt in order to be notified of the
next condition
The Interrupt Control Register always contains the merged
output of the masked Condition Registers as shown in
Fig-
ure 7-1 It is only possible to remove a condition by setting
the corresponding Condition Latch Register bit to Zero By
storing the events on-chip and having the ability to selec-
tively set bits to Zero the need for the software to maintain
a copy of the Event Registers is eliminated
To prevent the overwriting and consequent missing of
events an interlock mechanism is used In the period be-
tween the Read of a Condition Latch Register and the cor-
responding Write to reset the condition additional events
can occur
In order to prevent software from overwriting bits which
have changed since the last read and losing interrupt
events a conditional write mechanism is employed Only
bits that have not changed since the last read can be written
to a new value
Whenever a Condition Latch Register is read its contents
are stored in the Compare Register There is one Compare
Register for the Ring Engine Event Registers and one Com-
pare Register for the Service Engine Event Registers Each
bit of the Compare Register is compared with the current
contents of the Register that is to be written Writing a bit
with a new value to a Condition Register is only possible
when the corresponding bit in the Compare Register
matches the bit in the Condition Register For any bit that
has not changed the new value of the bit is written into the
Register For any bit that has changed the writing of the bit
is inhibited The fact that an attempt was made to change a
modified bit in the Register is latched in the Condition Write
Inhibit bit in the Exception Status Register (ESRCWI) for
Ring Engine Registers and in the State Attention Register
(STARCWI) for Service Engine Registers
In the MACSI device two Compare Registers are shared by
all of the Condition Latch Registers (In the PLAYERa de-
vice there is a Compare Register for every Event Register)
For the cases where more than one register must be read
before writing a new value the software may write the ap-
propriate Compare Register with the most recently read val-
ue before writing the register again Alternatively the Event
Register may be read again before being written
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com