Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 87Page - National Semiconductor (TI) DP83266 Datasheet HTML 88Page - National Semiconductor (TI) DP83266 Datasheet HTML 89Page - National Semiconductor (TI) DP83266 Datasheet HTML 90Page - National Semiconductor (TI) DP83266 Datasheet HTML 91Page - National Semiconductor (TI) DP83266 Datasheet HTML 92Page - National Semiconductor (TI) DP83266 Datasheet HTML 93Page - National Semiconductor (TI) DP83266 Datasheet HTML 94Page - National Semiconductor (TI) DP83266 Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 152 page
background image
70 Control Information (Continued)
System Interface Mode Register1 (SIMR1)
The System Interface Mode Register 1 (SIMR1) is used to program major operating parameters for the System Interface of the
MACSI device This register should be programmed only at power-on or after a software Master Reset
This register is cleared upon reset Access Rules
Address
Read
Write
101h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
AB
A31
AB
A30
AB
A29
AB
A28
ATM
ASM
RES
EAM
Bit
Symbol
Description
D0
EAM
Enhanced ABus Mode
This bit controls the Enhanced ABus Mode (EAM) This enhanced mode is
intended to reduce the amount of logic required to interface to the SBus When this bit is reset the
ABus operates as it does on the original BSI device (normal ABus mode) When this bit is set
the AB
A(3128) bits within this register are sourced on the upper nibble of the addressdata lines
during the address cycle Read Data is strobed the cycle after the assertion of AB
ACK The AB
BR
signal is guaranteed to be deasserted for at least two cycles (see
Figure 6-8 through Figure 6-11 ) The
AB
DEN pin becomes an input and the ErrorAcknowledgment combinations are re-encoded
EAM e 0
EAM e 1
AB
ACK
AB
ERR
AB
ACK
AB
DEN
AB
ERR
Function
Ack(2)
Ack(1)
Ack(0)
1
1
1
1
1
Wait Cycle
0
1
0
1
1
Word Acknowledgement
0
0
1
0
0
Retry
1
0
1
1
0
Error
0
0
0
Not Supported
0
0
1
Not Supported
0
1
0
Not Supported
1
0
1
Not Supported
D1
RES
Reserved
D2
ASM
Address Strobe Mode
The ASM bit controls the Address Strobe Mode When this bit is reset the
AB
AS signal operates as it does on the BSI device When this bit is set the MACSI device generates
an AB
AS signal which is designed to drive an address latch control line without additional logic (see
Figure 6-6 and Figure 6-7 )
D3
ATM
Address Timing Mode
The ATM bit controls the Address Timing Mode When this bit is reset the
AB
A(42) lines operate as they do on the BSI These lines provide the demultiplexed address of the
next word to be accessed on the ABus When the ATM bit is set the MACSI device provides the
address of the
current word being accessed on the ABus (see Figure 6-6 and Figure 6-7 ) To use the
demultiplexed address pins AB
A (272) on MACSI revision A through C the User must set the ATM
bit For MACSI revision D and later (SI revision t 0x00000058) the User may use the demultiplexed
address pins AB
A (272) with ATM set or reset
D7–D4
AB
A(3128)
AB
Address(3128)
In normal operation (MR1EAM e 0) the MACSI device encodes channel
information on the upper nibble of the AB
AD bus during the address cycle In Enhanced ABus mode
(MR1EAM e 1) the upper nibble of the address lines are driven with the data pattern which the user
has stored in these four bits AB
A(3128)
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com