Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 41Page - National Semiconductor (TI) DP83266 Datasheet HTML 42Page - National Semiconductor (TI) DP83266 Datasheet HTML 43Page - National Semiconductor (TI) DP83266 Datasheet HTML 44Page - National Semiconductor (TI) DP83266 Datasheet HTML 45Page - National Semiconductor (TI) DP83266 Datasheet HTML 46Page - National Semiconductor (TI) DP83266 Datasheet HTML 47Page - National Semiconductor (TI) DP83266 Datasheet HTML 48Page - National Semiconductor (TI) DP83266 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 152 page
background image
70 Control Information (Continued)
Table 7-2 MACSI Memory Map (BSI Registers)
Address
Register Name
Access Rules
Reset
Value
Read
Write
114
Indicate Attention Register (IAR)
Always
Conditional
00
115
Indicate Notify Register (INR)
Always
Always
00
116
Indicate Threshold Register (ITR)
Always
INSTOP Mode
NA
or EXC e 1 Only
117
Indicate Mode Configuration Register (IMCR)
Always
INSTOP Mode
NA
Only
118
Indicate Copy Configuration Register (ICCR)
Always
Always
NA
119
Indicate Header Length Register (IHLR)
Always
INSTOP Mode
NA
or EXC e 1 Only
11A
Address Configuration Register (ACR)
Always
Always
00
11B
Request Channel 0 Configuration Register 1 (R0CR1)
Always
Always
00
11C
Request Channel 1 Configuration Register 1 (R1CR1)
Always
Always
00
11D – 11E
Reserved
NA
NA
11F
System Interface Compare Register (SICMP)
Always
Always
NA
120 – 1FF
Reserved
NA
NA
e
Initialized to a System Interface Revision code upon reset The System Interface Revision code remains until it is overwritten by the host
NA e Not altered upon reset
NA e Not Applicable
The MAC Control Information Address Space is divided into
4 groups as shown in Table 7-3 An information summary is
given for each group followed by a detailed description of all
registers
 MAC Operation Registers (Table 7-4)
 MAC Event Registers (Table 7-5)
 MAC Parameters (Table 7-6)
 MAC CountersTimers (Table 7-7)
The System Interface Operation registers are accessed di-
rectly via the Control Bus Limit RAM Registers are ac-
cessed indirectly via the Control Bus using the Limit RAM
Data and Limit RAM Address Registers The Pointer RAM
Registers are accessed indirectly via the Control Bus and
ABus using the Pointer RAM Address and Control Register
the Mailbox Address Register and a mailbox location in
ABus memory Descriptors are fetched (or written) by the
MACSI device across the ABus
 System Interface Registers (Table 7-8)
72 CONVENTIONS
When referring to multi-byte fields byte 0 is always the most
significant byte When referring to bits within a byte bit (7) is
the most significant bit and bit (0) is the least significant bit
When referring to the contents of a byte the most signifi-
cant bit is always referred to first When referring to a bit
within a byte the notation register
namebit
name is
used For example MCMR0RUN references the RUN bit in
MAC Mode Register 0
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com