Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 75Page - National Semiconductor (TI) DP83266 Datasheet HTML 76Page - National Semiconductor (TI) DP83266 Datasheet HTML 77Page - National Semiconductor (TI) DP83266 Datasheet HTML 78Page - National Semiconductor (TI) DP83266 Datasheet HTML 79Page - National Semiconductor (TI) DP83266 Datasheet HTML 80Page - National Semiconductor (TI) DP83266 Datasheet HTML 81Page - National Semiconductor (TI) DP83266 Datasheet HTML 82Page - National Semiconductor (TI) DP83266 Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
70 Control Information (Continued)
754 Beacon Information Transmit Beacon Type (TBT)
Transmit Beacon Type 0 (TBT0) represents the Transmit Beacon Type to be transmitted in the Information field of a Beacon
frame TBT1 – TBT3 are not used by the Ring Engine
When the Beacon state is reached as a result of a failed Claim process the first byte of the Beacon Information field is forced to
Zero to produce a Beacon Type 0 as required by the MAC Standard
When the Beacon state is reached as a result of a Beacon Request (when FunctionBCN is set) bits TBT(31 – 24) are transmit-
ted as the Information field
Access Rules
Address
Read
Write
054–057h
Stop Mode
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
TBT0
TBT(31)
TBT(30)
TBT(29)
TBT(28)
TBT(27)
TBT(26)
TBT(25)
TBT(24)
TBT1
TBT(23)
TBT(22)
TBT(21)
TBT(20)
TBT(19)
TBT(18)
TBT(17)
TBT(16)
TBT2
TBT(15)
TBT(14)
TBT(13)
TBT(12)
TBT(11)
TBT(10)
TBT(9)
TBT(8)
TBT3
TBT(7)
TBT(6)
TBT(5)
TBT(4)
TBT(3)
TBT(2)
TBT(1)
TBT(0)
76 TIMER VALUES
The Ring Engine stores several timer values and thresholds used in normal operation With the exception of TNEG the Timers
use an exponential expansion on a 4-bit value to produce a negative twos complement 24-bit value used by the Timer Logic
The Timer Values are always readable These parameters are writable in Stop Mode
The Timers include the following timers
 Asynchronous Priority Threshold (THSH1)
 Maximum Token Rotation Time (TMAX)
 Valid Transmission Timer (TVX)
 Negotiated Target Rotation Time (TNEG0–3)
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com