Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 83Page - National Semiconductor (TI) DP83266 Datasheet HTML 84Page - National Semiconductor (TI) DP83266 Datasheet HTML 85Page - National Semiconductor (TI) DP83266 Datasheet HTML 86Page - National Semiconductor (TI) DP83266 Datasheet HTML 87Page - National Semiconductor (TI) DP83266 Datasheet HTML 88Page - National Semiconductor (TI) DP83266 Datasheet HTML 89Page - National Semiconductor (TI) DP83266 Datasheet HTML 90Page - National Semiconductor (TI) DP83266 Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 152 page
background image
70 Control Information (Continued)
Lost Frame Counter (LFCT)
The Lost Frame Counter (LFCT) is specified in the FDDI MAC Standard It is the count of all instances where a Format Error is
detected in a frame or token such that the credibility of the PDU reception is in doubt
The Lost Frame Counter is incremented when any symbol other than a data or Idle symbol is received between the Starting and
Ending Delimiters of a PDU (this includes parity errors)
Interrupts are available on increment (CILRFRLST) and when the 20-bit counter overflows and wraps around (COLRFRLST)
Access Rules
Address
Read
Write
0A8–0ABh
Always
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
LFCT0
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
LFCT1
Zero
Zero
Zero
Zero
CT19
CT18
CT17
CT16
LFCT2
CT15
CT14
CT13
CT12
CT11
CT10
CT9
CT8
LFCT3
CT7
CT6
CT5
CT4
CT3
CT2
CT1
CT0
Frame Copied Counter (FCCT)
The Frame Copied Counter (FCCT) maintains the count of the number of frames addressed to this station and successfully
copied This counter can be used to accumulate station performance statistics
The Frame Copied Counter is incremented when a frame which contains no errors and is addressed to this station is successful-
ly copied Copied MAC and Void frames are not included in this count
When OptionEMIND is set this count also includes frames copied as a result of external matches as indicated by EA
For SMT NSA frames the Frame Copied Count only increments for NSA frames received with the A Indicator as an R symbol for
which the frame was copied SMT NSA frames received with the A Indicator as an S symbol do not cause this count to
increment even if the frame is successfully copied
Note that when in a promiscuous copy mode this count will not increment for every frame copied only for frames addressed to
this station that are copied
Interrupts are available on increment (CILRFRCOP) and when the 20-bit counter overflows and wraps around (COLRFRCOP)
Access Rules
Address
Read
Write
0AC–0AFh
Always
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
FCCT0
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
FCCT1
Zero
Zero
Zero
Zero
CT19
CT18
CT17
CT16
FCCT2
CT15
CT14
CT13
CT12
CT11
CT10
CT9
CT8
FCCT3
CT7
CT6
CT5
CT4
CT3
CT2
CT1
CT0
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com