Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 8Page - National Semiconductor (TI) DP83266 Datasheet HTML 9Page - National Semiconductor (TI) DP83266 Datasheet HTML 10Page - National Semiconductor (TI) DP83266 Datasheet HTML 11Page - National Semiconductor (TI) DP83266 Datasheet HTML 12Page - National Semiconductor (TI) DP83266 Datasheet HTML 13Page - National Semiconductor (TI) DP83266 Datasheet HTML 14Page - National Semiconductor (TI) DP83266 Datasheet HTML 15Page - National Semiconductor (TI) DP83266 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 152 page
background image
30 Architectural Description
(Continued)
Each Channel will only process one object type at a time
The BIU arbitrates between the Channels and issues a Bus
Request when any Channel requests service The priority of
Channel bus requests is as follows from highest priority to
lowest priority
1 Indicate Data Unit writes (highest priority when not trans-
mitting)
2 Output Data Unit fetches (highest priority when transmit-
ting)
3 Request Descriptor and Output Data Unit Descriptor
fetches
4 Input Data Unit Descriptor writes
5 Confirmation Message Descriptor writes
6 Next Pool Space Descriptor transfer to Current Pool
Space Descriptor (internal operation)
7 Pool Space Descriptor fetches
8 Limit RAM Operations (internal operation)
9 Pointer RAM Operations (lowest priority)
Addresses for Channel accesses are contained in the Point-
er RAM Registers
345 Pointer RAM
The Pointer RAM Block is used by both the Indicate and
Request Machines It contains pointers to all Data Units and
Descriptors manipulated by the MACSI device namely In-
put and Output Data Units Input and Output Data Unit De-
scriptors Request Descriptors Confirmation Message De-
scriptors and Pool Space Descriptors
The Pointer RAM Block is accessed by clearing the PTOP
(Pointer RAM Operation) bit in the Service Attention Regis-
ter which causes the transfer of data between the Pointer
RAM Register and a mailbox location in memory
346 Limit RAM
The Limit RAM Block is used by both the Indicate and Re-
quest Machines It contains data values that define the lim-
its of the ten Queues maintained by the MACSI device
Limit RAM Registers are accessed by clearing the LMOP
(Limit RAM Operation) bit in the Service Attention Register
which causes the transfer of data between the Limit RAM
Register and the Limit Data and Limit Address Registers
40 FDDI MAC Facilities
41 SYMBOL SET
The Ring Engine (MAC) recognizes and generates a set of
symbols These symbols are used to convey Line States
(such as the Idle Line State) Control Sequences (such as
the Starting and Ending Delimiters) and Data
Additional information regarding the symbol set can be
found in the ANSI X3T95 PHY standard
The Ring Engine expects that the Starting Delimiter will al-
ways be conveyed on an even symbol pair boundary (ie
the JK symbol will always arrive as a byte not split across
two bytes) Following the starting delimiter data symbols
should always come in matched pairs Similarly the Ending
Delimiter should always come in one or more matched sym-
bol pairs
The symbol pairs conveyed at the PHY Interface are shown
in Table 4-1
42 PROTOCOL DATA UNITS
The Ring Engine recognizes and generates Tokens and
Frames
The Token is used to control access to the ring Only the
station that has captured the token has the right to transmit
new information The format of a token is shown in
Figure
4-1
TABLE 4-1 Symbol Pair Set
Type
Symbols
Starting Delimiter
JK or IL
Ending Delimiter
TT or TR or TS or TI
Frame Status
RR or RS or SR or SS
Idle
II or nI
Data Pair
nn
n represents any data symbol (0–F)
Symbol pairs other than the defined symbols are treated as code violations
Additional information on the symbol pairs generated and interpreted by the
Ring Engine can be found in Section 821
TABLE 4-2 Frame Fields
Name
Description
Size
SFS
Start of Frame
Sequence
PA
Preamble
8 or more Idle
symbol pairs
SD
Starting Delimiter
JK symbol pair
FC
Frame Control Field
1 data symbol pair
DA
Destination Address
2 or 6 symbol pairs
SA
Source Address
2 or 6 symbol pairs
INFO
Information Field
FCS
Frame Check
4 symbol pairs
Sequence
EFS
End of Frame
Sequence
ED
Ending Delimiter
at least 1 T symbol
for Frames
at least 2 T symbols
for Tokens
FS
Frame Status
3 or more R or S
symbols
SFS
EFS
PA
SD
FC
ED
FIGURE 4-1 Token Format
Frames are used to pass information between stations The
format of a frame is shown in
Figure 4-2 with the field defini-
tions in Table 4-2
SFS
Protected by FCS
EFS
PA
SD
FC
DA
SA
INFO
FCS
ED
FS
FIGURE 4-2 Frame Format
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com