Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 19Page - National Semiconductor (TI) DP83266 Datasheet HTML 20Page - National Semiconductor (TI) DP83266 Datasheet HTML 21Page - National Semiconductor (TI) DP83266 Datasheet HTML 22Page - National Semiconductor (TI) DP83266 Datasheet HTML 23Page - National Semiconductor (TI) DP83266 Datasheet HTML 24Page - National Semiconductor (TI) DP83266 Datasheet HTML 25Page - National Semiconductor (TI) DP83266 Datasheet HTML 26Page - National Semiconductor (TI) DP83266 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 152 page
background image
50 Functional Description (Ring Engine) (Continued)
TABLE 5-3 Request Service Classes
RQRCLS
Name
Class
THT
Token
Token
Notes
Capture
Issue
0000
None
None
0001
Apri
1
Async
enabled
non-rstr
non-rstr
THSH1
0010
Reserved
Reserved
0011
Reserved
Reserved
0100
Sync
Sync
disabled
any
captured
1
0101
Imm
Immediate
disabled
none
none
4
0110
ImmN
Immediate
disabled
none
non-rstr
4
0111
ImmR
Immediate
disabled
none
rstr
4
1000
Async
Async
enabled
non-rstr
non-rstr
1001
Rbeg
Restricted
enabled
non-rstr
rstr
2 3
1010
Rend
Restricted
enabled
rstr
non-rstr
2
1011
Rcnt
Restricted
enabled
rstr
rstr
2
1100
AsynD
Async
disabled
non-rstr
non-rstr
1101
RbeginD
Restricted
disabled
non-rstr
rstr
2 3
1110
RendD
Restricted
disabled
rstr
non-rstr
2
1111
RcntD
Restricted
disabled
rstr
rstr
2
Note 1
Synchronous Requests are not serviced when RELRBCNR e 1
Note 2
Restricted Requests are not serviced when RELRMACR e 1
Note 3
Restricted Dialogues only begin when a Non-Restricted token has been received and transmitted
Note 4
Immediate Requests are serviced when the ring is Non-Operational These requests are serviced from the Data state if neither signal RQCLM nor RQBCN
is asserted If signal RQCLM is asserted Immediate Requests are serviced from the Claim State If signal RQBCN is asserted Immediate Requests are serviced
from the Beacon State RQCLM and RQBCN do not cause transitions to the Claim and Beacon States
On Transmit frames are checked to see that they are of a
minimum length If the end of a frame is reached before a
valid length is transmitted the frame will be aborted and a
Void frame will be transmitted (as with all aborted frames) A
MAC frame with a zero length INFO field will not be aborted
even though the Receiver will not recognize it as a valid
frame Frame lengths are not checked for the maximum al-
lowable length (4500 bytes)
TABLE 5-4 Valid Frame Length
Frame
Types
Short
Long
Notes
Address
Address
(minimum number
of bytes)
Void
9
17
MAC
13
21
including a 4 byte
INFO field
non-MAC
9
17
including a 0 byte
INFO field
Also on the Transmit side the L bit in the FC field is
checked against the ESA and ELA bits in the Option Regis-
ter (if the SA Transparency option is not selected) to insure
that a frame of that address length can be transmitted If the
selected address length is not enabled the frame is aborted
at the beginning of the SA field If SA Transparency is se-
lected the frame is not aborted
When OptionIRPT is set and SAT and SAIGT are selected
or when ModeDIAG is set the minimum frame length is one
data byte
55 FRAME STATUS PROCESSING
Each frame contains three or more Control Indicators The
FDDI Standard specifies three the E A and C Indicators
When a frame is transmitted the Control Indicators are
transmitted as R (Reset) symbols If an error is detected by
a station that receives the frame the E Indicator is changed
to an S (Set) symbol If a station recognizes the DA of a
frame as its own address (Individual Group or Broadcast)
the A Indicator is changed to an S symbol If that station
then copies the frame the C Indicator is changed to an S
symbol
The received value of the Control Indicators for every frame
received is reported at the MAC Indicate Interface on sig-
nals MID(7 – 0) On a frame transmitted by this station the
returning Control Indicators give the transmission status
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com