Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 17Page - National Semiconductor (TI) DP83266 Datasheet HTML 18Page - National Semiconductor (TI) DP83266 Datasheet HTML 19Page - National Semiconductor (TI) DP83266 Datasheet HTML 20Page - National Semiconductor (TI) DP83266 Datasheet HTML 21Page - National Semiconductor (TI) DP83266 Datasheet HTML 22Page - National Semiconductor (TI) DP83266 Datasheet HTML 23Page - National Semiconductor (TI) DP83266 Datasheet HTML 24Page - National Semiconductor (TI) DP83266 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 152 page
background image
50 Functional Description (Ring Engine) (Continued)
transmission is aborted due to an external error (and
OptionIRPT is not set) a Void frame is transmitted to reset
the TVX timers in all stations in the ring When a frame is
aborted due to a transmission error the service opportunity
is not automatically ended
53 REQUEST SERVICE PARAMETERS
531 Request Service Class
The Requested Service corresponds to the Request Serv-
ice Class and the Token Class parameters of the
(SM
)MA
DATArequest and (SM
)MA
Tokenrequest
primitives as specified in the Standard
TABLE 5-2 Token Transmission Type
Service Class
Token
Token
Captured
Issued
Non-restricted
Non-restricted Non-restricted
Begin Restricted
Non-restricted Restricted
Continue Restricted
Restricted
Restricted
End Restricted
Restricted
Non-restricted
Immediate
None
None
Immediate Non-restricted None
Non-restricted
Immediate Restricted
None
Restricted
14 useful combinations of the requested Service Class
(Non-Restricted Asynchronous Restricted Asynchronous
Synchronous Immediate) the Token Capture and Issue
Class and THT Enable are supported by the Ring Engine as
shown in Table 5-3
Requests are serviced on a Service Opportunity meeting
the requested criteria
A Token Capture Class of non-rstr indicates that the Trans-
mitter Token Class must be Non-Restricted to begin servic-
ing the request A Token Capture Class of rstr indicates
that the Transmitter Token Class must be Restricted to be-
gin servicing the Request A Token Issue Class of non-rstr
means that the Transmitter Token Class will be Non-restrict-
ed upon completion of the request A Token Issue Class of
rstr
means that the Transmitter Token Class will be Re-
stricted upon completion of the request
532 Request Options
The Request options provide the ability for Source Address
Transparency (SAT) and FCS Transparency (FCST) In both
cases data from the request stream is transmitted in place
of data from the Ring Engine The use of Source Address
Transparency has no effect on the sequencing of the inter-
face When Source Address transparency is not used the
SA from the internal parameter RAM is substituted for the
SA bytes in the request stream which must still be present
Since the FCS is appended to the frame when FCS trans-
parency is not used no FCS bytes are present in the re-
quest stream
Source Address Transparency (SAT)
Normally the SA field in a frame is generated by the Ring
Engine using either the MSA or MLA values programmed in
the parameter RAM When the SA Transparency option is
selected the SA from the data stream is transmitted in
place of the MSA or MLA The SAT option can be invoked
on a Request Object via the Request Configuration parame-
ters of the System Interface
When the SA Transparency option is selected it is neces-
sary to rely on an alternate stripping mechanism since strip-
ping based on the returning SA only guarantees that frames
with MSA or MLA will be stripped Either the Void Stripping
option (described below) may be invoked or external hard-
ware that forces stripping using the EM (External M
Flag)
signal is required
The MSB of the SA is not controlled by this option It is
normally forced to Zero It can be controlled using the
Source Address MSB Transparency option described be-
low
SA Transparency is possible for all frames (including MAC
frames) External support is required to limit the use of SA
Transparency to certain MAC Users SA Transparency
should not be used with externally generated MAC Frames
in order to maintain accountability but this is not enforced
by the Ring Engine When SA Transparency is used with
externally generated Beacon Frames that are transmitted
from the Beacon state the first 4 bytes of the INFO field are
passed transparently from the data stream instead of being
generated by the Ring Engine
SA Transparency also overrides the Long and Short Ad-
dressing enables For example if Long Addressing is not
enabled it is still possible to transmit frames with Long Ad-
dresses Similarly if Short Addressing is not enabled it is
still possible to transmit Frames with Short Addresses This
may be useful in full duplex point to point applications and
for diagnostic purposes
Source Address Most Significant Bit Transparency
With the Source Address MSB Transparency option the
MSB of the SA is sourced from the data stream as opposed
to being transmitted as Zero The SA MSB Transparency
option is selected through the Request Channel Configura-
tion Registers in the Service Engine
Unless the Source Address Transparency option is also se-
lected the rest of the SA is generated by the Ring Engine
The MSB of the SA is used to denote the presence of the
Routing Information Field used in Source Routing algo-
rithms (as in the IEEE 8025 protocol) This option is useful
for stations that use Source Routing In these applications
the SA can still be generated by the Ring Engine even
when routing information is inserted into the data stream
This allows the normal stripping to be accomplished in end
stations implementing Source Routing (without relying on
external software to not create no-owner frames)
Void Stripping
This option is useful for removing bridged and ownerless
frames and remnants (fragments) from the ring
In the Void Stripping protocol two My
Void frames are
transmitted at the end of a service opportunity Stripping
continues until one of the following conditions occur
 One My Void frame returns (The Second My Void will
be stripped on the basis of the SA)
 A Token is received
 An Other Void is received
 A MAC frame other than My Claim is received
 A MAC Reset occurs
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com