Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 86Page - National Semiconductor (TI) DP83266 Datasheet HTML 87Page - National Semiconductor (TI) DP83266 Datasheet HTML 88Page - National Semiconductor (TI) DP83266 Datasheet HTML 89Page - National Semiconductor (TI) DP83266 Datasheet HTML 90Page - National Semiconductor (TI) DP83266 Datasheet HTML 91Page - National Semiconductor (TI) DP83266 Datasheet HTML 92Page - National Semiconductor (TI) DP83266 Datasheet HTML 93Page - National Semiconductor (TI) DP83266 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 152 page
background image
70 Control Information (Continued)
System Interface Mode Register 0 (SIMR0)
The System Interface Mode Register 0 (SIMR0) is used to program major operating parameters for the System Interface of the
MACSI device This register should be programmed only at power-on or after a software Master Reset
This register is cleared upon reset
Access Rules
Address
Read
Write
100h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
SMLB
SMLQ
VIRT
BIGEND
FLOW
MRST
FABCLK
TEST
Bit
Symbol
Description
D0
TEST
Test Mode
Enables test logic in which the transmitted frames counter will cause a service loss after four
frames instead of 255 frames
D1
FABCLK
Fast ABus Clock
For any AB
CLK frequency greater than LBC (125 MHz) this bit must be zero For an
AB
CLK frequency equal to LBC the User may optionally set this bit Setting this bit causes a slight
optimization of the internal MACSI synchronization timing valid only for the case where AB
CLK e LBC e
125 MHz National recommends that all users leave this bit as zero
D2
MRST
Master Reset
When this bit is set the indicate Request and StatusSpace Machines are placed in Stop
Mode and System Interface registers are initialized to the values shown in Table 7-2 This bit is cleared after
the reset is complete
D3
FLOW
Flow Parity
When this bit is set parity checking is enabled at the MAC Indicate Data (Receive Data)
interface The MACSI device uses Odd parity at all interfaces The System Interface reports parity errors in the
STARBPE bit (for receive data from the MAC) or the STARERR (for descriptor fetch parity errors) Data
parity does not get checked at the ABus Interface When this bit is set the parity bit for each ABus data byte
flows with the data byte through the internal FIFO and across the MAC Request (Transmit) interface where it
is checked by the Ring Engine Good parity is always generated on ABus If this bit is reset good parity is
generated at the MAC Request interface For the MAC Indicate Data interface the parity check includes the
frame’s FC through ED fields When this bit is Zero no parity is checked on the MAC Indicate Data interface
In the BSI device this bit also controlled the Control Bus Parity In the MACSI device Control Bus Parity is
enabled using the MCModeCBP bit (see ‘‘MAC Mode Register 0 (MCMR0)’’)
For systems using parity on the ABus the User must initialize the Receive burst FIFO RAM after reset by
doing a send-to-self of a frame at least 64 bytes in length
D4
BIGEND
Big Endian Data Format
Selects between the Little Endian (BIGEND e 0) or Big Endian (BIGEND e 1) data
format See
Figure 6-1
D5
VIRT
Virtual Address Mode
Selects between virtual (VIRT e 1) or physical (VIRT e 0) address mode on the
ABus
D6
SMLQ
Small Queue
Selects the size of all Descriptor queues and lists When SMLQ e 0 the size is 4 kBytes when
SMLQ e 1 the size is 1 kBytes Note that data pages are always 4 kBytes
D7
SMLB
Small Bursts
Selects size of bursts on ABus When SMLB e 0 the MACSI device uses 1- 4- and 8-word
transfers When SMLB e 1 the MACSI device uses 1- and 4-word transfers
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com