Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 18Page - National Semiconductor (TI) DP83266 Datasheet HTML 19Page - National Semiconductor (TI) DP83266 Datasheet HTML 20Page - National Semiconductor (TI) DP83266 Datasheet HTML 21Page - National Semiconductor (TI) DP83266 Datasheet HTML 22Page - National Semiconductor (TI) DP83266 Datasheet HTML 23Page - National Semiconductor (TI) DP83266 Datasheet HTML 24Page - National Semiconductor (TI) DP83266 Datasheet HTML 25Page - National Semiconductor (TI) DP83266 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
50 Functional Description (Ring Engine) (Continued)
If any frame of a service opportunity requests this option
then all frames on that service opportunity will be stripped
using this method Void Stripping is invoked upon the asser-
tion of the STRIP signal at the beginning of a frame trans-
mission
Void Stripping is also automatically invoked by this station if
it wins the Claim token process before the initial token is
issued This removes all fragments and ownerless frames
from the ring when the ring becomes operational
FCS Transparency
Normally the Ring Engine generates and transmits the
FCS When the Frame Check Sequence Transparency op-
tion is selected the Ring Engine device does not append
the FCS to the end of the Information field This option is
selected by asserting signal FCST
The receiving stations treat the last four bytes of the data
stream as the FCS
This option may be useful for end to end FCS coverage
when crossing FDDI bridges for diagnostic purposes or in
Implementer frames
54 FRAME VALIDITY PROCESSING
A valid frame is a frame that meets the minimum length
criteria and contains an integral number of data symbol
pairs between the Starting and Ending Delimiters as shown
in Table 5-4
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com