Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 40Page - National Semiconductor (TI) DP83266 Datasheet HTML 41Page - National Semiconductor (TI) DP83266 Datasheet HTML 42Page - National Semiconductor (TI) DP83266 Datasheet HTML 43Page - National Semiconductor (TI) DP83266 Datasheet HTML 44Page - National Semiconductor (TI) DP83266 Datasheet HTML 45Page - National Semiconductor (TI) DP83266 Datasheet HTML 46Page - National Semiconductor (TI) DP83266 Datasheet HTML 47Page - National Semiconductor (TI) DP83266 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 152 page
background image
70 Control Information (Continued)
TABLE 7-1 MACSI Memory Map (BMAC Registers)
(Continued)
Address
Register Name
Access Rules
Reset
Value
Read
Write
028
Internal Event Latch Register (IELR)
Always
Conditional
00
029 – 02B
Reserved
NA
NA
02C
Exception Status Register (ESR)
Always
Conditional
00
02D
Exception Mask Register (EMR)
Always
Always
00
02E
Interrupt Condition Register (ICR)
Always
Data Ignored
00
02F
Interrupt Mask Register (IMR)
Always
Always
00
030 – 03F
Reserved
NA
NA
040 – 07F
MAC Parameters
Stop Mode
Stop Mode
NA
080 – 0BF
CountersTimers
Always
Stop Mode
NA
0C0-0FF
Reserved
NA
NA
e
Contains a MAC Revision code
NA e Not altered upon reset
NA e Not Applicable
Table 7-2 MACSI Memory Map (BSI Registers)
Address
Register Name
Access Rules
Reset
Value
Read
Write
100
System Interface Mode Register 0 (SIMR0)
Always
Always
00
101
System Interface Mode Register 1 (SIMR1)
Always
Always
00
102
Pointer RAM Control and Address Register (PCAR)
Always
Always
NA
103
Mailbox Address Register (MBAR)
Always
Always
104
Master Attention Register (MAR)
Always
Data Ignored
00
105
Master Notify Register (MNR)
Always
Always
00
106
State Attention Register (STAR)
Always
Conditional
07
107
State Notify Register (STNR)
Always
Always
00
108
Service Attention Register (SAR)
Always
Conditional
0F
109
Service Notify Register (SNR)
Always
Always
00
10A
No Space Attention Register (NSAR)
Always
Conditional
FF
10B
No Space Notify Register (NSNR)
Always
Always
00
10C
Limit Address Register (LAR)
Always
Always
NA
10D
Limit Data Register (LDR)
Always
Always
NA
10E
Request Attention Register (RAR)
Always
Conditional
00
10F
Request Notify Register (RNR)
Always
Always
00
110
Request Channel 0 Configuration Register 0 (R0CR0)
Always
Always
NA
111
Request Channel 1 Configuration Register 0 (R1CR0)
Always
Always
NA
112
Request Channel 0 Expected Frame Status Register (R0EFSR)
Always
Always
NA
113
Request Channel 1 Expected Frame Status Register (R1EFSR)
Always
Always
NA
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com