Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 29Page - National Semiconductor (TI) DP83266 Datasheet HTML 30Page - National Semiconductor (TI) DP83266 Datasheet HTML 31Page - National Semiconductor (TI) DP83266 Datasheet HTML 32Page - National Semiconductor (TI) DP83266 Datasheet HTML 33Page - National Semiconductor (TI) DP83266 Datasheet HTML 34Page - National Semiconductor (TI) DP83266 Datasheet HTML 35Page - National Semiconductor (TI) DP83266 Datasheet HTML 36Page - National Semiconductor (TI) DP83266 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 152 page
background image
60 Functional Description (Service Engine) (Continued)
The MACSI device has a mode for controlling the ABus Ad-
dress Strobe (AB
AS) In the default mode AB
AS is
driven active during the address cycle and remains low
throughout the access In the second mode (SIMR1ASM e
1) AB
AS is driven active during the address cycle and
driven inactive during the remainder of the access This al-
lows AB
AS to be used directly as a clock enable to the
address latching device which reduces the number of exter-
nal components
In Enhanced ABus Mode (EAM) the MACSI device has
fixed address timing which is similar to the Physical address
timing described above The SBus MMU does not require
extra cycles for the address translation
The MACSI device interfaces to byte-addressable memory
but always transfers information in words The MACSI de-
vice uses a word width of 32 data bits plus 4 (1 per byte)
parity bits Parity may be ignored
Bus Transfers
The ABus supports single word accesses and 4-word and
8-word bursts Simple reads and writes involve a single ad-
dress and data transfer Burst reads and writes involve a
single address transfer followed by multiple data transfers
Burst sizes are selected dynamically by the MACSI device
The user can disable 8-word bursts by setting MR0SMLB to
a 1 This forces the MACSI device to use 1-word and 4-word
transactions only
The MACSI device provides the full de-multiplexed address
during an access This includes the word address for each
word of a burst (AB
A 42 ) To use the de-multiplexed
addresses (AB
A 42 ) on MACSI revisions A B or C the
Address Timing Mode bit (SIMR1ATM) must be set equal to
one This causes the word address to come out in the same
cycle as the word of data being accessed The word ad-
dresses signals (AB
A 42 ) may be used in the ‘‘look-
ahead’’ mode (SIMR1ATM e 0) if the user does address
de-multiplexing externally by latching AB
A 275 external-
ly during the address cycle For MACSI revisions D or later
(SI revision t 0x00000058) the User may select either Ad-
dress Timing Mode (SIMR1ATM e 0 or 1) while using the
demultiplexed address pins AB
A 270
On Indicate Channels when 8-word bursts are enabled all
transactions will be 8 words until the end of the frame the
last transfer will be 4 or 8 words depending on the number
of remaining bytes If only 4-word bursts are allowed all
Indicate Data transfers are 4 words
On Request Channels the MACSI device will use 4- or
8-word bursts to access all data up to the end of the ODU If
8-word bursts are enabled the first access will be an 8-word
burst if the ODU begins less than 4 words from the start of
an 8-word burst boundary If 8-word bursts are not allowed
or if the ODU begins 4 or more words from the start of an 8-
word burst boundary a 4-word burst will be used The
MACSI device will ignore unused bytes if the ODU does not
start on a burst boundary At the end of an ODU the MACSI
device will use the smallest transfer size (1 4 or 8 words)
which completes the ODU read To coexist in a system that
assumes implicit wrap-around for the addresses within a
burst the MACSI device never emits a burst that will wrap
the 4- or 8-word boundary
A Function Code identifying the type of transaction is output
by the MACSI device on the upper four address bits during
the address phase of a data transfer This can be used for
more elaborate external addressing schemes such as di-
recting control information to one memory and data to an-
other (eg an external FIFO)
Byte Ordering
The basic addressable unit is a byte so request data may be
aligned to any byte boundary in memory All information is
accessed in 32-bit words however so the MACSI device
ignores unused bytes when reading
Descriptors must always be aligned to a 32-bit word address
boundary Input Data Units are always aligned to a burst-
size boundary Output Data Units may be any number of
bytes aligned to any byte-address boundary but operate
most efficiently when aligned to a burst-size boundary Pool
Space Descriptors (PSPs) must point to a burst boundary or
the Receive data will not be written to memory correctly
Burst transfers are always word-aligned on a 16- or 32-byte
(burst-size) address boundary Burst transfers will never
cross a burst-size boundary If a 32-byte transfer size is en-
abled (MR0SMLB e 0) the MACSI device will perform
both 16-byte and 32-byte bursts whichever is most efficient
(least number of clocks to loadstore all required data) If
the MACSI device has less than a full burst of data to com-
plete a frame it will write a full burst Random data is written
to the unused locations The host uses the IDUD length field
to determine where the valid data bytes end
The Bus Interface Unit can operate in either Big Endian or
Little Endian Mode The bit and byte alignments for both
modes are shown in
Figure 6-3 Byte 0 is the first byte re-
ceived from the ring or transmitted to the ring This mode
affects the placement of frame data bytes but it does not
affect the order of Descriptor bytes
Big-Endian Byte Order
D 31
D 0
Word
Halfword 0
Halfword 1
Byte 0
Byte 1
Byte 2
Byte 3
Little-Endian Byte Order
D 31
D 0
Word
Halfword 1
Halfword 0
Byte 3
Byte 2
Byte 1
Byte 0
FIGURE 6-3 ABus Byte Orders
Bus Arbitration
The ABus is a multi-master bus using a simple Bus Re-
questBus Grant protocol that allows an external Bus Arbi-
ter to support any number of bus masters using any arbitra-
tion scheme (eg
rotating or fixed priority) The protocol
provides for multiple transactions per tenure and bus master
preemption
The MACSI device asserts a Bus Request and assumes
mastership when Bus Grant is asserted If the MACSI de-
vice has another transaction pending it will keep Bus Re-
quest asserted or reassert it before the completion of the
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com