Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 72Page - National Semiconductor (TI) DP83266 Datasheet HTML 73Page - National Semiconductor (TI) DP83266 Datasheet HTML 74Page - National Semiconductor (TI) DP83266 Datasheet HTML 75Page - National Semiconductor (TI) DP83266 Datasheet HTML 76Page - National Semiconductor (TI) DP83266 Datasheet HTML 77Page - National Semiconductor (TI) DP83266 Datasheet HTML 78Page - National Semiconductor (TI) DP83266 Datasheet HTML 79Page - National Semiconductor (TI) DP83266 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
70 Control Information (Continued)
752 Group Addresses
The Ring Engine supports detection of Group Addresses within programmable and fixed blocks of consecutive addresses The
algorithm used by the Ring Engine first performs a comparison between the most significant bits of the received DA with
programmable and fixed addresses If the most significant bits match the remaining bits are used as an index into a programma-
ble bit map If the indexed bit is 1 the A
Flag is set to 1 if the indexed bit is 0 the A
Flag remains 0
One programmable block of 256 group addresses is supported for group long addresses (GLA) and one programmable block of
group addresses is supported for group short addresses (GSA) Both of the programmable ranges share the same programma-
ble group address map (PGM)
For short addresses the first byte of a received DA is compared with GSA0 (bits GSA(15 – 8)) If they match then the second
byte is used as an index into the PGM For long addresses the first 5 bytes of a received DA are compared with GLA0 through
GLA4 (bits GLA(47 – 8)) If all 5 of these bytes match the corresponding byte in the received DA then the 6th byte of the
received DA is used as an index into the PGM The last byte of the address is used as an index into the PGM in both long and
short group addressing
A fixed block of 16 group addresses is supported for both long and short addresses at the end of the address space that
includes the UniversalBroadcast address (FF
FF) For short addresses if the first 12 bits of the received DA are all 1’s then
the last 4 bits are used as an index into the 16-bit Fixed Group Map (FGM) Similarly for long addresses if the first 44 bits are all
1’s the last 4 bits are also used as an index into the 16-bit FGM
The Group Addresses should be valid for at least 12 byte times before the Addressing Mode is enabled and should remain valid
for at least 12 byte times after the Addressing Mode is disabled in order to guarantee proper detection
Bits ELA (Enable Long Addressing) and ESA (Enable Short Addressing) in the Option Register determine the address types that
will be recognized by this MAC
Alternative group addressing schemes may be implemented using external matching logic that monitors the byte stream at the
PHY Interface The result of the comparison is returned using the EA (External A
Flag) input signal
Group Long Address (GLA0 – GLA4)
Group Long Address (GLA0 – GLA4) represents the first 5 bytes of the long address bit GLA(47) to bit GLA(8)
To disable Long Group Address matches bits GLA(46 – 8) should be set to all One’s
Access Rules
Address
Read
Write
048–04Ch
Stop Mode
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
GLA0
GLA(47)
GLA(46)
GLA(45)
GLA(44)
GLA(43)
GLA(42)
GLA(41)
GLA(40)
GLA1
GLA(39)
GLA(38)
GLA(37)
GLA(36)
GLA(35)
GLA(34)
GLA(33)
GLA(32)
GLA2
GLA(31)
GLA(30)
GLA(29)
GLA(28)
GLA(27)
GLA(26)
GLA(25)
GLA(24)
GLA3
GLA(23)
GLA(22)
GLA(21)
GLA(20)
GLA(19)
GLA(18)
GLA(17)
GLA(16)
GLA4
GLA(15)
GLA(14)
GLA(13)
GLA(12)
GLA(11)
GLA(10)
GLA(9)
GLA(8)
Note
GLA(47) should always be set to One
Group Short Address (GSA0)
Group Short Address (GSA0) represents the station’s short 16-bit address bit GSA(15) to bit GSA(8)
It is possible to disable Short Group Addressing by programming bits GSA(14 – 8) to all Ones
Access Rules
Address
Read
Write
04Eh
Stop Mode
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
GSA0
GSA(15)
GSA(14)
GSA(13)
GSA(12)
GSA(11)
GSA(10)
GSA(9)
GSA(8)
Note
GSA(15) is not used in the comparison since the comparison will only be accomplished if the received DA(15) is a One
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com