Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 85Page - National Semiconductor (TI) DP83266 Datasheet HTML 86Page - National Semiconductor (TI) DP83266 Datasheet HTML 87Page - National Semiconductor (TI) DP83266 Datasheet HTML 88Page - National Semiconductor (TI) DP83266 Datasheet HTML 89Page - National Semiconductor (TI) DP83266 Datasheet HTML 90Page - National Semiconductor (TI) DP83266 Datasheet HTML 91Page - National Semiconductor (TI) DP83266 Datasheet HTML 92Page - National Semiconductor (TI) DP83266 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 152 page
background image
70 Control Information (Continued)
Token Received Counter (TKCT)
The Token Received Counter (TKCT) maintains the count of valid tokens received by this station The counter can be used with
the Ring Latency Counter to calculate the average network load over a period of time The frequency of token arrival is inversely
related to the network load
The Token Received Counter is incremented every time a valid token arrives
Interrupts are available on increment (CILRTKRCVD) and when the 20-bit counter overflows and wraps around
(COLRTKRCVD)
Access Rules
Address
Read
Write
0B8–0BBh
Always
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
TKCT0
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
TKCT1
Zero
Zero
Zero
Zero
CT19
CT18
CT17
CT16
TKCT2
CT15
CT14
CT13
CT12
CT11
CT10
CT9
CT8
TKCT3
CT7
CT6
CT5
CT4
CT3
CT2
CT1
CT0
Ring Latency Counter (RLCT)
The Ring Latency Counter (RLCT) is a measurement of time for PDUs to propagate around the ring This counter contains the
last measured ring latency whenever the RLVD bit of the Token and Timer Event Latch Register (TELR0RLVD) is One
The current ring latency is measured by timing the propagation of a My
Void frame around the ring A new latency measure-
ment can be requested by clearing the Ring Latency Valid bit of the Token Event Register (TELR0RLVLD)
When the ring is operational the next early token is captured Before the token is re-issued a My
Void frame is transmitted and
the Ring Latency Counter (RLCT) is reset The token will not be captured if the Inhibit Token Capture Option (OptionITC) is set
and the ring latency will not be measured
When the ring is not operational ring latency timing will commence at the end of the next immediate request A My
Void is
transmitted and RLCT is reset This could be used to time how long the ring is non-operational since the My
Void frame will not
return
The Ring Latency Counter increments once every 16 byte times from when the Ending Delimiter of the My
Void frame is
transmitted until the Ending Delimiter of the My
Void frame returns When the My
Void frame returns the ring latency valid bit
(TELR0RLVLD) is set and may cause an interrupt When set RELRRLVLD indicates that RLCT will be valid to within 128 ms
The Ring Latency Counter can measure ring latencies up to 13421772 seconds with accuracy of 128 ms
The ring latency timing function is automatically disabled when exceptions are detected and retried at the next opportunity
Since a Master Reset (FunctionMARST) causes TELR0RLVLD to be cleared the ring latency will automatically be measured
on the first opportunity (at the end of the first immediate request or with the first early token) Note that if a duplicate of this MAC
address exists on the ring the My
Void frame will be stripped and the ring latency measurement will never complete
Access Rules
Address
Read
Write
0BC–0BFh
Always
Stop Mode
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RLCT0
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
RLCT1
Zero
Zero
Zero
Zero
CT19
CT18
CT17
CT16
RLCT2
CT15
CT14
CT13
CT12
CT11
CT10
CT9
CT8
RLCT3
CT7
CT6
CT5
CT4
CT3
CT2
CT1
CT0
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com