Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 35Page - National Semiconductor (TI) DP83266 Datasheet HTML 36Page - National Semiconductor (TI) DP83266 Datasheet HTML 37Page - National Semiconductor (TI) DP83266 Datasheet HTML 38Page - National Semiconductor (TI) DP83266 Datasheet HTML 39Page - National Semiconductor (TI) DP83266 Datasheet HTML 40Page - National Semiconductor (TI) DP83266 Datasheet HTML 41Page - National Semiconductor (TI) DP83266 Datasheet HTML 42Page - National Semiconductor (TI) DP83266 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
60 Functional Description (Service Engine) (Continued)
Tmmu Host MMU performs an address translation during
this clock
Tpa Host MMU drives AB
AD with the address
Td MACSI device negates AB
AS asserts AB
DEN
drives AB
AD with the write data and starts sampling
AB
ACK and AB
ERR Slave captures AB
AD data as-
serts AB
ACK and drives AB
ERR MACSI device sam-
ples a valid AB
ACK Tw states may occur after Td
Tr
MACSI device negates AB
RW
AB
DEN
and
AB
SIZ 20
and releases AB
A AB
AD and AB
AS
Slave deasserts AB
ACK and AB
ERR and stops driving
AB
AD with data
Burst Read
Tbr MACSI device asserts AB
BR to indicate it wishes to
perform a transfer Host asserts AB
BG The MACSI de-
vice moves to Tva within the next three clocks and then
drives AB
A and AB
AD
Tva MACSI device drives AB
A and AB
AD with the vir-
tual address for one clock
negates AB
AS
asserts
AB
RW drives AB
SIZ 20 and negates AB
BR if an-
other transaction is not required
Tmmu Host MMU performs an address translation during
this clock
Tpa Host MMU drives AB
AD with the translated (physi-
cal) address
Td
MACSI
device
asserts
AB
DEN
and
samples
AB
ACK and AB
ERR Slave asserts AB
ACK drives
AB
ERR and drives AB
AD (with data) when ready
MACSI device samples a valid AB
ACK and captures the
read data Tw states may occur after Td This state is re-
peated four or eight times (according to burst size) If
SIMR1ASM e 0 the MACSI device negates AB
AS in the
last Td cycle If SIMR1ASM e 1 the MACSI device will
negate AB
AS in the first Td cycle
Tr
MACSI device negates AB
RW
AB
DEN
and
AB
SIZ 20
and releases AB
A and AB
AS Slave
deasserts AB
ACK and AB
ERR and releases AB
AD
Burst Write
Tbr MACSI device asserts AB
BR to indicate it wishes to
perform a transfer Host asserts AB
BG The MACSI de-
vice moves to Tva within the next three clocks and then
drives AB
A and AB
AD
Tva MACSI device drives AB
A and AB
AD with the vir-
tual address for one clock
negates AB
AS
negates
AB
RW drives AB
SIZ 20
Tmmu Host MMU performs an address translation during
this clock
Tpa Host MMU drives AB
AD with the address
Td MACSI device asserts AB
DEN drives AB
AD with
the
write
data
and
starts
sampling
AB
ACK
and
AB
ERR Slave captures AB
AD data asserts AB
ACK
and drives AB
ERR
MACSI device samples a valid
AB
ACK Tw states may occur after Td Td is repeated as
required for the complete burst If SIMR1ASM e 0 the
MACSI device negates AB
AS in the last Td cycle If
SIMR1ASM e 1 the MACSI device will negate AB
AS in
the first Td cycle
Tr
MACSI device negates AB
RW
AB
DEN
and
AB
SIZ 20
releases AB
A AB
AD and AB
AS and
stops driving AB
AD with data Slave deasserts AB
ACK
and AB
ERR
65 ENHANCED ABUS MODE
When the enhanced ABus mode is selected several chang-
es occur The timing of AB
ACK is modified during read
accesses In this mode read data is expected one cycle
after the AB
ACK signal (see
Figure 6-8 and Figure 6-11 )
In addition channel information is no longer supplied on the
upper four bits of the AddressData lines during the address
cycle Instead the value of this nibble of address is supplied
from a programmable register within the MACSI device (for
a full description of these bits please see System Interface
Mode Register1 (SIMR1)) Finally the AB
DEN signal be-
comes an input in this enhanced mode This signal along
with AB
ACK and AB
ERR are used to encode a subset
of the acknowledge retry and error functions supported on
the SBus
These enhancements make it easier to connect the MACSI
device to the SBus as a bus master However a full FDDI
adapter design requires the design of a slave interface from
the SBus to the control bus of the MACSI device and the
other FDDI components
651 Enhanced ABus Mode Bus Transactions
Bus transactions in the Enhanced Abus Mode are shown in
Figure 6-8 through Figure 6-11 In the Enhanced ABus
mode the Bus Request signal (AB
BR) will be deasserted
after the bus is granted until the completion of the bus trans-
action The only exception to this may occur when the
MACSI device is attempting back-to-back burst reads In
this case AB
BR may be deasserted for as few as two
cycles
Single Read
Tbr MACSI device asserts AB
BR to indicate it wishes to
perform a transfer Host asserts AB
BG The MACSI de-
vice moves to Tma on the next cycle
Tma MACSI device drives AB
A and AB
AD with the
master address asserts AB
AS drives AB
RW and
AB
SIZ 20
and negates AB
BR until the end of this
transaction
Tpa The Physical address is asserted by the MMU
Td MACSI device negates AB
AS and samples AB
ACK
AB
ERR
and
AB
DEN
Slave
asserts
AB
ACK
AB
ERR and AB
DEN with the appropriate acknowledg-
ment The MACSI device samples a valid acknowledgment
and moves to Tr Tw states may occur after Td
Tr
MACSI device negates AB
RW
AB
DEN
and
AB
SIZ 20
releases AB
A and AB
AS and samples
AB
AD
Slave drives AB
AD (with data)
deasserts
AB
ACK AB
ERR and AB
DEN and releases AB
AD
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com