Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 13Page - National Semiconductor (TI) DP83266 Datasheet HTML 14Page - National Semiconductor (TI) DP83266 Datasheet HTML 15Page - National Semiconductor (TI) DP83266 Datasheet HTML 16Page - National Semiconductor (TI) DP83266 Datasheet HTML 17Page - National Semiconductor (TI) DP83266 Datasheet HTML 18Page - National Semiconductor (TI) DP83266 Datasheet HTML 19Page - National Semiconductor (TI) DP83266 Datasheet HTML 20Page - National Semiconductor (TI) DP83266 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 152 page
background image
40 FDDI MAC Facilities (Continued)
435 Frames Not Copied Count (FNCT)
The Frames Not Copied Count is specified in the FDDI MAC
standard and is the count of frames intended for this station
that were not successfully copied by this station The count
is incremented when an internal or external (when
OptionEMIND is enabled) Destination Address match oc-
curs no errors were detected in the frame and the frame
was not successfully copied (VCOPY e 0) MAC frames
Void frames and NSA frames received with the A indicator
set are not included in this count
436 Frames Transmitted Count (FTCT)
The Frames Transmitted Count is specified in the FDDI
MAC standard and is incremented every time a complete
frame is transmitted from the MAC Request Interface Void
and MAC frames generated by the Ring Engine are not in-
cluded in the count
44 TIMERS
441 Token Rotation Timer (TRT)
The Token Rotation Timer (TRT) times token rotations from
arrival to arrival TRT is used to control ring scheduling dur-
ing normal operation and to detect and recover from serious
ring error situations
TRT is loaded with the maximum token rotation time TMAX
when the ring is not operational TRT is loaded with the
negotiated Target Token Rotation Time TNEG when the
ring is operational
442 Token Holding Timer (THT)
The Token Holding Timer is used to limit the amount of ring
bandwidth used by a station for asynchronous traffic once
the token is captured THT is used to determine if the cap-
tured token is (still) usable for asynchronous transmission A
token is usable for asynchronous traffic if THT has not
reached the selected threshold Two asynchronous thresh-
olds are supported one that is fixed at the Negotiated Tar-
get Token Rotation Time (TNEG) and one that is program-
mable at one of 16 Asynchronous Priority Thresholds Re-
quests to transmit frames at one of the priority thresholds
are serviced when the Token Holding Timer (THT) has not
reached the selected threshold
443 Late Count (LTCT)
The Late Count is implemented differently than suggested
by the MAC standard but provides similar information The
function of the Late Count is divided between the Late
Flag that is equivalent to the MAC standard Late Count with
a non-zero value and a separate counter Late
Flag is
maintained by the Ring Engine to indicate if it is possible to
send asynchronous traffic When the ring is operational
Late Count indicates the time it took the ring to recover the
last time the ring became non-operational When the ring is
non-operational Late Count indicates the time it has taken
(so far) to recover the ring
The Late Count is incremented every time TRT expires
while the ring is non-operational and Late
Flag is set (once
every TMAX)
The Late Count is provided to assist Station Management
SMT in the isolation of serious ring errors In many situa-
tions the ring will recover very quickly and late count will be
of marginal utility However in the case of serious ring er-
rors it is helpful for SMT to know how long it has been since
the ring became non-operational (with TMAX resolution) in
order to determine if it is necessary to invoke recovery pro-
cedures When the ring becomes non-operational there is
no way to know how long it will stay non-operational There-
fore a timer is necessary If the Late Count were not provid-
ed SMT would be forced to start a timer every time the ring
becomes non-operational even though it may seldom be
used By using the provided Late Count an SMT implemen-
tation may be able to alleviate this additional overhead
444 Valid Transmission Timer (TVX)
The Valid Transmission Timer (TVX) is reset every time a
valid frame or token is received TVX is used to increase the
responsiveness of the ring to errors Expiration of the TVX
indicates that no frame or token has been received within
the timeout period and causes the Transmitter to invoke the
recovery (Claim) process
The Value of TVX is also used as the Duplicate MAC frame
detection delay DM
MIN This is the time after which a
MAC frame will be suspected as being generated by anoth-
er station with this station’s address when the ring is non-
operational
445 Token Received Count (TKCT)
The Token Received Count is incremented every time a val-
id token arrives The Token Count can be used with the
Ring Latency Count to calculate the average network load
over a period of time The frequency of token arrival is in-
versely related to the network load
446 Ring Latency Count (RLCT)
The Ring Latency Count is a measurement of time for
frames to propagate around the ring This counter contains
the last measured ring latency whenever the Ring Latency
Valid bit of the Token Event Register (TELR0RLVLD) is
One
The Latency Counter increments every 16 byte times
(128 ms) and is used to measure ring latencies up to
13421772 seconds directly with accuracy of 12 ms No
overflow or increment event is provided with this counter
45 RING SCHEDULING
FDDI uses a timed token protocol to schedule use of the
ring The protocol measures load on the network by timing
the rotation of the token The longer the token rotation time
the greater the instantaneous load on the network By limit-
ing the transmission of data when the token rotation time
exceeds a target rotation time a maximum average token
rotation time is realized The protocol is used to provide
different classes of service
Multiple classes of service can be accommodated by setting
different target token rotation times for each class of serv-
ice
The Ring Engine supports Synchronous
Non-restricted
Asynchronous Restricted Asynchronous and Immediate
service classes The Immediate service class is supported
when the ring is non-operational the other classes are sup-
ported when the ring is operational
451 Synchronous Service Class
The Synchronous Service Class may be used to guarantee
a maximum response time (2 times TTRT) minimum band-
width or both
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com