Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 11Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 12Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 13Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 14Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 15Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 16Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 17Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 18Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
DC Electrical Characteristics (
−40°C ≤ TA ≤ +125°C) (continued)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Internal Bias Resistor for the CKI
0.3
1.0
2.5
M
Ω
Crystal/Resonator Oscillator
Hi-Z Input Leakage
VCC = 5.5V
−3
+3
μA
Input Pullup Current
VCC = 5.5V, VIN = 0V
−40
−250
μA
Port Input Hysteresis
0.25 VCC
V
Output Current Levels
D Outputs
Source
VCC = 4.5V, VOH = 3.8V
−6.3
mA
Sink(4)
VCC = 4.5V, VOL = 1.0V
9
mA
All Others
Source (Weak Pull-Up Mode)
VCC = 4.5V, VOH = 3.8V
−9
μA
Source (Push-Pull Mode)
VCC = 4.5V, VOH = 3.8V
−6.3
mA
Sink (Push-Pull Mode)(4)
VCC = 4.5V, VOL = 1.0V
9
mA
TRI-STATE Leakage
VCC = 5.5V
−3
+3
μA
Allowable Sink Current per Pin
1
mA
Maximum Input Current without Latchup(5)
±200
mA
RAM Retention Voltage, VR (in HALT Mode)
2.0
V
Input Capacitance
7
pF
Load Capacitance on D2
1000
pF
Voltage on G6 to Force Execution from Boot ROM(6)
G6 rise time must be slower than
2 x VCC
VCC + 7
V
100 ns
G6 Rise Time to Force Execution from Boot ROM
100
nS
Input Current on G6 when Input > VCC
VIN = 11V, VCC = 5.5V
500
μA
(4)
Absolute Maximum Ratings should not be exceeded.
(5)
Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink
current to VCC when biased at voltages > VCC (the pins do not have source current when biased at a voltage below VCC). These two
pins will not latch up. The voltage at the pins must be limited to < (VCC + 7V. WARNING: Voltages in excess of 14V will cause
damage to the pins. This warning excludes ESD transients.
(6)
Vcc must be valid and stable before G6 is raised to a high voltage.
3.6
AC Electrical Characteristics (
−40°C ≤ T
A ≤ +125°C)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (tC)
Crystal/Resonator(1)
4.5V
≤ VCC ≤ 5.5V
0.5
DC
μs
Output Propagation Delay
RL =2.2k, CL = 100 pF
Frequency of MICROWIRE/PLUS in Slave Mode
2
MHz
MICROWIRE/PLUS Setup Time (tUWS)
20
ns
MICROWIRE/PLUS Hold Time (tUWH)
20
ns
MICROWIRE/PLUS Output Propagation Delay (tUPD)
150
ns
Input Pulse Width
Interrupt Input High Time
1
tC
Interrupt Input Low Time
1
tC
Timer 1 Input High Time
1
tC
Timer 1 Input Low Time
1
tC
Timer 2, 3 Input High Time(2)
1
MCLK or tC
Timer 2, 3 Input Low Time(2)
1
MCLK or tC
(1)
tC = instruction cycle time.
(2)
If timer is in high speed mode, the minimum time is 1 MCLK. If timer is not in high speed mode, the minimum time is 1 tC.
Copyright © 2000–2013, Texas Instruments Incorporated
Electrical Specifications
15
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com