Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 67 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 67 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 63Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 64Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 65Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 66Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 67Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 68Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 69Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 70Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Where:
BR is the Baud Rate
FC is the crystal frequency
N is the Baud Rate Divisor (Table 5-16)
P is the Prescaler Divide Factor selected by the value in the Prescaler Select Register (Table 5-17)
NOTE
In the Synchronous Mode, the divisor 16 is replaced by two.
Example:
Asynchronous Mode:
Crystal Frequency = 5 MHz
Desired baud rate = 19200
Using the above equation N × P can be calculated first.
N × P = (5 x 10
6 x 2)/(16 x 19200) = 32.552
Now 32.552 is divided by each Prescaler Factor (Table 5-17) to obtain a value closest to an integer. This
factor happens to be 6.5 (P = 6.5).
N = 32.552/6.5 = 5.008 (N = 5)
The programmed value (from Table 5-16) should be 4 (N - 1).
Using the above values calculated for N and P:
BR = (5 x 10
6 x 2)/(16 x 5 x 6.5) = 19230.769
error = (19230.769 - 19200) x 100/19200 = 0.16%
Figure 5-19. USART BAUD Clock Divisor Registers
5.13.8 EFFECT OF HALT/IDLE
The USART logic is reinitialized when either the HALT or IDLE modes are entered. This reinitialization
sets the TBMT flag and resets all read only bits in the USART control and status registers. Read/Write bits
remain unchanged. The Transmit Buffer (TBUF) is not affected, but the Transmit Shift register (TSFT) bits
are set to one. The receiver registers RBUF and RSFT are not affected.
The device will exit from the HALT/IDLE modes when the Start bit of a character is detected at the RDX
(L3) pin. This feature is obtained by using the Multi-Input Wake-up scheme provided on the device.
Before entering the HALT or IDLE modes the user program must select the Wake-up source to be on the
RDX pin. This selection is done by setting bit 3 of WKEN (Wake-up Enable) register. The Wake-up trigger
condition is then selected to be high to low transition. This is done via the WKEDG register (Bit 3 is one).
If the device is halted and crystal oscillator is used, the Wake-up signal will not start the chip running
immediately because of the finite start up time requirement of the crystal oscillator. The idle timer (T0)
generates a fixed (256 tC) delay to ensure that the oscillator has indeed stabilized before allowing the
device to execute code. The user has to consider this delay when data transfer is expected immediately
after exiting the HALT mode.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
67
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com