Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 29Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 30Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 31Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 32Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 33Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 34Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 35Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 36Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
The T3CNTRL register contains the following bits:
T3C3
Timer T3 mode control bit
T3C2
Timer T3 mode control bit
T3C1
Timer T3 mode control bit
T3C0
Timer T3 Start/Stop control in timer modes 1 and 2, Timer T3 Underflow Interrupt Pending
Flag in timer mode 3
T3PNDA
Timer T3 Interrupt Pending Flag (Autoreload RA in mode 1, T3 Underflow in mode 2, T3A
capture edge in mode 3)
T3ENA
Timer T3 Interrupt Enable for Timer Underflow or T3A Input capture edge
T3PNDB
Timer T3 Interrupt Pending Flag for T3B capture edge
T3ENB
Timer T3 Interrupt Enable for T3B Input capture edge
5.9.6
HSTCR Register (Address X
′00AF)
Reserved
T3HS
T2HS
Bit 7
Bit 0
The HSTCR register contains the following bits:
T3HS
Places Timer T3 in High Speed Mode.
T2HS
Places Timer T2 in High Speed Mode.
5.9.7
ITMR Register (Address X
′00CF)
CCKS
LSON
HSON
DCEN
RSVD
ITSEL2
ITSEL1
ITSEL0
EL
Bit 7
Bit 0
The ITMR register contains the following bits:
LSON
Turns the low speed oscillator on or off.
HSON
Turns the high speed oscillator on or off.
DCEN
Selects the high speed oscillator or the low speed oscillator as the Idle Timer Clock.
CCKSEL Selects the high speed oscillator or the low speed oscillator as the primary CPU clock.
RSVD
This bit is reserved and must be 0.
ITSEL2
Idle Timer period select bit.
ITSEL1
Idle Timer period select bit.
ITSEL0
Idle Timer period select bit.
5.9.8
ENAD Register (Address X
′00CB)
ADCH3
ADCH2
ADCH1
ADCH0
ADMOD
MUX
PSC
ADBSY
Channel Select
Mode Select
Mux Out
Prescale
Busy
Bit 7
Bit 0
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
33
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com