Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 76 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 76 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 72Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 73Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 74Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 75Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 76Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 77Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 78Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 79Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
5.15.3 VIS INSTRUCTION
The general interrupt service routine, which starts at address 00FF Hex, must be capable of handling all
types of interrupts. The VIS instruction, together with an interrupt vector table, directs the device to the
specific interrupt handling routine based on the cause of the interrupt.
VIS is a single-byte instruction, typically used at the very beginning of the general interrupt service routine
at address 00FF Hex, or shortly after that point, just after the code used for context switching. The VIS
instruction determines which enabled and pending interrupt has the highest priority, and causes an indirect
jump to the address corresponding to that interrupt source. The jump addresses (vectors) for all possible
interrupts sources are stored in a vector table.
The vector table may be as long as 32 bytes (maximum of 16 vectors) and resides at the top of the 256-
byte block containing the VIS instruction. However, if the VIS instruction is at the very top of a 256-byte
block (such as at 00FF Hex), the vector table resides at the top of the next 256-byte block. Thus, if the
VIS instruction is located somewhere between 00FF and 01DF Hex (the usual case), the vector table is
located between addresses 01E0 and 01FF Hex. If the VIS instruction is located between 01FF and 02DF
Hex, then the vector table is located between addresses 02E0 and 02FF Hex, and so on.
Each vector is 15 bits long and points to the beginning of a specific interrupt service routine somewhere in
the 32-kbyte memory space. Each vector occupies two bytes of the vector table, with the higher-order byte
at the lower address. The vectors are arranged in order of interrupt priority. The vector of the maskable
interrupt with the lowest rank is located to 0yE0 (higher-order byte) and 0yE1 (lower-order byte). The next
priority interrupt is located at 0yE2 and 0yE3, and so forth in increasing rank. The Software Trap has the
highest rand and its vector is always located at 0yFE and 0yFF. The number of interrupts which can
become active defines the size of the table.
Table 5-27 shows the types of interrupts, the interrupt arbitration ranking, and the locations of the
corresponding vectors in the vector table.
The vector table should be filled by the user with the memory locations of the specific interrupt service
routines. For example, if the Software Trap routine is located at 0310 Hex, then the vector location 0yFE
and -0yFF should contain the data 03 and 10 Hex, respectively. When a Software Trap interrupt occurs
and the VIS instruction is executed, the program jumps to the address specified in the vector table.
The interrupt sources in the vector table are listed in order of rank, from highest to lowest priority. If two or
more enabled and pending interrupts are detected at the same time, the one with the highest priority is
serviced first. Upon return from the interrupt service routine, the next highest-level pending interrupt is
serviced.
If the VIS instruction is executed, but no interrupts are enabled and pending, the lowest-priority interrupt
vector is used, and a jump is made to the corresponding address in the vector table. This is an unusual
occurrence and may be the result of an error. It can legitimately result from a change in the enable bits or
pending flags prior to the execution of the VIS instruction, such as executing a single cycle instruction
which clears an enable flag at the same time that the pending flag is set. It can also result, however, from
inadvertent execution of the VIS command outside of the context of an interrupt.
The default VIS interrupt vector can be useful for applications in which time critical interrupts can occur
during the servicing of another interrupt. Rather than restoring the program context (A, B, X, etc.) and
executing the RETI instruction, an interrupt service routine can be terminated by returning to the VIS
instruction. In this case, interrupts will be serviced in turn until no further interrupts are pending and the
default VIS routine is started. After testing the GIE bit to ensure that execution is not erroneous, the
routine should restore the program context and execute the RETI to return to the interrupted program.
This technique can save up to fifty instruction cycles (tC), or more, (25 µs at 10 MHz oscillator) of latency
for pending interrupts with a penalty of fewer than ten instruction cycles if no further interrupts are
pending.
76
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com