Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 65 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 65 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 61Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 62Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 63Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 64Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 65Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 66Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 67Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 68Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
5.13.7 BAUD CLOCK GENERATION
The clock inputs to the transmitter and receiver sections of the USART can be individually selected to
come either from an external source at the CKX pin (port L, pin L1) or from a source selected in the PSR
and BAUD registers. Internally, the basic baud clock is created from the MCLK through a two-stage divider
chain consisting of a 1-16 (increments of 0.5) prescaler and an 11-bit binary counter (Figure 5-18). The
divide factors are specified through two read/write registers shown in Figure 5-19. Note that the 11-bit
Baud Rate Divisor spills over into the Prescaler Select Register (PSR). PSR is cleared upon reset.
As shown in Table 5-17, a Prescaler Factor of 0 corresponds to NO CLOCK. This condition is the USART
power down mode where the USART clock is turned off for power saving purpose. The user must also
turn the USART clock off when a different baud rate is chosen.
The correspondences between the 5-bit Prescaler Select and Prescaler factors are shown in Table 5-17.
There are many ways to calculate the two divisor factors, but one particularly effective method would be to
achieve a 1.8432 MHz frequency coming out of the first stage. The 1.8432 MHz prescaler output is then
used to drive the software programmable baud rate counter to create a 16x clock for the following baud
rates: 110, 134.5, 150, 300, 600, 1200, 1800, 2400, 3600, 4800, 7200, 9600, 19200 and 38400 (Table 5-
16). Other baud rates may be created by using appropriate divisors. The 16x clock is then divided by 16 to
provide the rate for the serial shift registers of the transmitter and receiver.
Table 5-16. Baud Rate Divisors
(1.8432 MHz Prescaler Output)(1)
Baud Rate
Baud Rate
Divisor
− 1 (N-1)
110 (110.03)
1046
134.5 (134.58)
855
150
767
300
383
600
191
1200
95
1800
63
2400
47
3600
31
4800
23
7200
15
9600
11
19200
5
38400
2
(1)
The entries in Table 5-16 assume a prescaler output of 1.8432 MHz.
In asynchronous mode the baud rate could be as high as 1250k.
Figure 5-18. USART BAUD Clock Generation
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
65
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com