Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 20Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 21Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 22Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 23Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 24Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 25Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 26Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 27Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Figure 5-1. RAM Organization
5.4.1
Virtual EEPROM
The Flash memory and the User ISP functions (see Section 5.7), provide the user with the capability to
use the flash program memory to back up user defined sections of RAM. This effectively provides the user
with the same nonvolatile data storage as EEPROM. Management, and even the amount of memory
used, are the responsibility of the user, however the flash memory read and write functions have been
provided in the boot ROM.
One typical method of using the Virtual EEPROM feature would be for the user to copy the data to RAM
during system initialization, periodically, and if necessary, erase the page of Flash and copy the contents
of the RAM back to the Flash.
5.5
OPTION REGISTER
The Option register, located at address 0x7FFF in the Flash Program Memory, is used to configure the
user selectable security, WATCHDOG, and HALT options. The register can be programmed only in
external Flash Memory programming or ISP Programming modes. Therefore, the register must be
programmed at the same time as the program memory. The contents of the Option register shipped from
the factory read 00 Hex.
The format of the Option register is as follows:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WATCH
Reserved
SECURITY
Reserved
HALT
FLEX
DOG
Bits 7, 6
These bits are reserved and must be 0.
Bit 5
= 1
Security enabled. Flash Memory read and write are not allowed except in User ISP/Virtual E2
commands. Mass Erase is allowed.
= 0
Security disabled. Flash Memory read and write are allowed.
Bits 4, 3
These bits are reserved and must be 0.
24
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com