Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 13Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 14Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 15Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 16Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 17Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 18Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 19Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 20Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
4
Pin Descriptions
The COP8CBR/CCR/CDR I/O structure enables designers to reconfigure the microcontroller's I/O
functions with a single instruction. Each individual I/O pin can be independently configured as output pin
low, output high, input with high impedance or input with weak pull-up device. A typical example is the use
of I/O pins as the keyboard matrix input lines. The input lines can be programmed with internal weak pull-
ups so that the input lines read logic high when the keys are all open. With a key closure, the
corresponding input line will read a logic zero since the weak pull-up can easily be overdriven. When the
key is released, the internal weak pull-up will pull the input line back to logic high. This eliminates the need
for external pull-up resistors. The high current options are available for driving LEDs, motors and
speakers. This flexibility helps to ensure a cleaner design, with less external components and lower costs.
Below is the general description of all available pins.
VCC and GND are the power supply pins. All VCC and GND pins must be connected.
Users of the WQFN package are cautioned to be aware that the central metal area and the pin 1 index
mark on the bottom of the package may be connected to GND. See figure below:
Figure 4-1. WQFN Package Bottom View
CKI is the clock input. This can be connected (in conjunction with CKO) to an external crystal circuit to
form a crystal oscillator. See Oscillator Description section.
RESET is the master reset input. See Reset description section.
AVCC is the Analog Supply for A/D converter. It should be connected to VCC externally. This is also the top
of the resistor ladder D/A converter used within the A/D converter.
AGND is the ground pin for the A/D converter. It should be connected to GND externally. This is also the
bottom of the resistor ladder D/A converter used within the A/D converter.
The device contains up to six bidirectional 8-bit I/O ports (A, B, C, E, G and L) and one 4-bit I/O port (F),
where each individual bit may be independently configured as an input (Schmitt trigger inputs on ports L
and G), output or TRI-STATE under program control. Three data memory address locations are allocated
for each of these I/O ports. Each I/O port has three associated 8-bit memory mapped registers, the
CONFIGURATION register, the output DATA register and the Pin input register. (See the memory map for
the various addresses associated with the I/O ports.) Figure 4-2 shows the I/O port configurations. The
DATA and CONFIGURATION registers allow for each port bit to be individually configured under software
control as shown below:
Copyright © 2000–2013, Texas Instruments Incorporated
Pin Descriptions
17
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com