Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 57 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 57 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 53Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 54Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 55Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 56Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 57Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 58Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 59Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 60Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
The IDLE mode uses the on-chip IDLE Timer (Timer T0) to keep track of elapsed time in the IDLE state.
The IDLE Timer runs continuously at the low speed clock rate, whether or not the device is in the IDLE
mode. Each time the bit of the timer associated with the selected window toggles, the T0PND bit is set, an
interrupt is generated (if enabled), and the device exits the IDLE mode if in that mode. If the IDLE Timer
interrupt is enabled, the interrupt is serviced before execution of the main program resumes. (However,
the instruction which was started as the part entered the IDLE mode is completed before the interrupt is
serviced. This instruction should be a NOP which should follow the enter IDLE instruction.) The user must
reset the IDLE Timer pending flag (T0PND) before entering the IDLE mode.
As with the HALT mode, this device can also be returned to normal operation with a Multi-Input Wake-up
input.
The IDLE Timer cannot be started or stopped under software control, and it is not memory mapped, so it
cannot be read or written by the software. Its state upon Reset is unknown. Therefore, if the device is put
into the IDLE mode at an arbitrary time, it will stay in the IDLE mode for somewhere between 30 µs and
the selected time period.
In order to precisely time the duration of the IDLE state, entry into the IDLE mode must be synchronized to
the state of the IDLE Timer. The best way to do this is to use the IDLE Timer interrupt, which occurs on
every underflow of the bit of the IDLE Timer which is associated with the selected window. Another
method is to poll the state of the IDLE Timer pending bit T0PND, which is set on the same occurrence.
The Idle Timer interrupt is enabled by setting bit T0EN in the ICNTRL register.
Any time the IDLE Timer window length is changed there is the possibility of generating a spurious IDLE
Timer interrupt by setting the T0PND bit. The user is advised to disable IDLE Timer interrupts prior to
changing the value of the ITSEL bits of the ITMR Register and then clear the T0PND bit before attempting
to synchronize operation to the IDLE Timer.
As with the HALT mode, it is necessary to program two NOP's to allow clock resynchronization upon
return from the IDLE mode. The NOP's are placed either at the beginning of the IDLE Timer interrupt
routine or immediately following the “enter IDLE mode” instruction.
For more information on the IDLE Timer and its associated interrupt, see the description in the Timer T0
(IDLE Timer).
Figure 5-15. Multi-Input Wake-Up Logic
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
57
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com