Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 78 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 78 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 74Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 75Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 76Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 77Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 78Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 79Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 80Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 81Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Figure 5-24. VIS Operation
5.15.4 NON-MASKABLE INTERRUPT
5.15.4.1 Pending Flag
There is a pending flag bit associated with the non-maskable Software Trap interrupt, called STPND. This
pending flag is not memory-mapped and cannot be accessed directly by the software.
The pending flag is reset to zero when a device Reset occurs. When the non-maskable interrupt occurs,
the associated pending bit is set to 1. The interrupt service routine should contain an RPND instruction to
reset the pending flag to zero. The RPND instruction always resets the STPND flag.
5.15.4.2 Software Trap
The Software Trap is a special kind of non-maskable interrupt which occurs when the INTR instruction
(used to acknowledge interrupts) is fetched from program memory and placed in the instruction register.
This can happen in a variety of ways, usually because of an error condition. Some examples of causes
are listed below.
If the program counter incorrectly points to a memory location beyond the programmed Flash memory
space, the unused memory location returns zeros which is interpreted as the INTR instruction.
If the stack is popped beyond the allowed limit (address 06F Hex), a 7FFF will be loaded into the PC.
Since the Option Register resides at this location, and to maintain the integrity of the stack overpop
protection, the Flash memory will return a zero on an instruction fetch and a software trap will be
triggered.
A Software Trap can be triggered by a temporary hardware condition such as a brownout or power supply
glitch.
The Software Trap has the highest priority of all interrupts. When a Software Trap occurs, the STPND bit
is set. The GIE bit is not affected and the pending bit (not accessible by the user) is used to inhibit other
interrupts and to direct the program to the ST service routine with the VIS instruction. Nothing can interrupt
a Software Trap service routine except for another Software Trap. The STPND can be reset only by the
RPND instruction or a chip Reset.
78
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com