Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 71 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 71 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 67Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 68Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 69Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 70Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 71Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 72Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 73Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 74Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
4. Poll ADBSY until it is cleared by the hardware. This indicates the completion of the conversion.
5. Obtain the results from the result registers.
The port pins used for the multiplexor output must be configured as high impedance inputs. If the port pins
are configured as outputs, or as inputs with weak pull-up, there will be a conflict between the analog signal
output and the digitally driven output.
Figure 5-20. A/D with Single Ended Mux Output Feature Enabled
Figure 5-21. A/D with Differential Mux Output Feature Enabled
5.14.1.1.3 Mode Select
This 1-bit field is used to select the mode of operation (single ended or differential) as shown in the
following Table 5-21.
Table 5-21. A/D Conversion Mode Selection
ADMOD
Mode
0
Single Ended Mode
1
Differential Mode
5.14.1.1.4 Prescaler Select
This 1-bit field is used to select one of two prescaler clocks for the A/D Converter. The following Table 5-
22 shows the various prescaler options. Care must be taken, when selecting this bit, to keep the A/D clock
frequency within the specified range.
Table 5-22. A/D Converter Clock Prescale
PSC
Clock Select
0
MCLK Divide by 1
1
MCLK Divide by 16
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
71
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com