Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 63 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 63 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 59Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 60Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 61Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 62Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 63Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 64Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 65Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 66Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
5.13.5 FRAMING FORMATS
The USART supports several serial framing formats (Figure 5-17). The format is selected using control
bits in the ENU, ENUR and ENUI registers.
The first format (1, 1a, 1b, 1c) for data transmission (CHL0 = 1, CHL1 = 0) consists of Start bit, seven
Data bits (excluding parity) and one or two Stop bits. In applications using parity, the parity bit is
generated and verified by hardware.
The second format (CHL0 = 0, CHL1 = 0) consists of one Start bit, eight Data bits (excluding parity) and
7/8, one or two Stop bits. Parity bit is generated and verified by hardware.
The third format for transmission (CHL0 = 0, CHL1 = 1) consists of one Start bit, nine Data bits and one or
two Stop bits. This format also supports the USART “ATTENTION” feature. When operating in this format,
all eight bits of TBUF and RBUF are used for data. The ninth data bit is transmitted and received using
two bits in the ENU and ENUR registers, called XBIT9 and RBIT9. RBIT9 is a read only bit. Parity is not
generated or verified in this mode.
The parity is enabled/disabled by PEN bit located in the ENU register. Parity is selected for 7- and 8-bit
modes only. If parity is enabled (PEN = 1), the parity selection is then performed by PSEL0 and PSEL1
bits located in the ENU register.
Note that the XBIT9/PSEL0 bit located in the ENU register serves two mutually exclusive functions. This
bit programs the ninth bit for transmission when the USART is operating with nine data bits per frame.
There is no parity selection in this framing format. For other framing formats XBIT9 is not needed and the
bit is PSEL0 used in conjunction with PSEL1 to select parity.
The frame formats for the receiver differ from the transmitter in the number of Stop bits required. The
receiver only requires one Stop bit in a frame, regardless of the setting of the Stop bit selection bits in the
control register. Note that an implicit assumption is made for full duplex USART operation that the framing
formats are the same for the transmitter and receiver.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
63
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com