Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 45Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 46Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 47Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 48Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 49Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 50Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 51Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 52Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Figure 5-13. Diagram of Power Save Modes
5.12.1 POWER SAVE MODE CONTROL REGISTER
The ITMR control register allows for navigation between the three different modes of operation. It is also
used for the Idle Timer. The register bit assignments are shown below. This register is cleared to 40 (hex)
by Reset as shown below.
LSON
HSON
DCEN
CCK
RSVD
ITSEL2
ITSEL1
ITSEL0
SEL
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSON:
This bit is used to turn-on the low-speed oscillator. When LSON = 0, the low speed oscillator
is off. When LSON = 1, the low speed oscillator is on. There is a startup time associated with
this oscillator. See the Control Registers section.
HSON:
This bit is used to turn-on the high speed oscillator. When HSON = 0, the high speed
oscillator is off. When HSON = 1, the high speed oscillator is on. There is a startup time
associated with this oscillator. See the startup time table in the Control Registers section.
DCEN:
This bit selects the clock source for the Idle Timer. If this bit = 0, then the high speed clock is
the clock source for the Idle Timer. If this bit = 1, then the low speed clock is the clock
source for the Idle Timer. The low speed oscillator must be started and stabilized before
setting this bit to a 1.
CCKSEL:
This bit selects whether the high speed clock or low speed clock is gated to the
microcontroller core. When this bit = 0, the Core clock will be the high speed clock. When
this bit = 1, then the Core clock will be the low speed clock. Before switching this bit to either
state, the appropriate clock should be turned on and stabilized.
DCEN
CCKSEL
0
0
High Speed Mode. Core and Idle Timer Clock = High Speed
1
0
Dual Clock Mode. Core clock = High Speed; Idle Timer = Low Speed
1
1
Low Speed Mode. Core and Idle Timer Clock = Low Speed
0
1
Invalid. If this is detected, the Low Speed Mode will be forced.
RSVD:
This bit is reserved and must be 0.
Bits 2–0:
These are bits used to control the Idle Timer. See TIMER T0 (IDLE TIMER) for the
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
49
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com