Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 69 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 69 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 65Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 66Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 67Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 68Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 69Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 70Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 71Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 72Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
The A/D Converter is supported by three memory mapped registers: two result registers and the control
register. When the device is reset, the mode control register (ENAD) is cleared, the A/D is powered down
and the A/D result registers have unknown data.
5.14.1.1 A/D Control Register
The control register, ENAD, contains 4 bits for channel selection, 1 bit for mode selection, 1 bit for the
multiplexor output selection, 1 bit for prescaler selection, and a Busy bit. An A/D conversion is initiated by
setting the ADBSY bit in the ENAD control register. The result of the conversion is available to the user in
the A/D result registers, ADRSTH and ADRSTL, when ADBSY is cleared by the hardware on completion
of the conversion.
Table 5-18. ENAD
Bit 7
Bit 0
Channel Select
Mode
Mux/Out
Prescale
Busy
Select
ADCH3
ADCH2
ADCH1
ADCH0
ADMOD
MUX
PSC
ADBSY
5.14.1.1.1 Channel Select
This 4-bit field selects one of sixteen channels to be the VIN+. The mode selection and the mux output
determine the VIN-input. When MUX = 0, all sixteen channels are available, as shown in Table 5-19. When
MUX = 1, only fourteen channels are available, as shown in Table 5-20.
All port pins which are used, in the application, in A/D operations must be configured as high-impedance
inputs. If the ports are configured as outputs or inputs with weak pull-up there will be a conflict between
the analog signal and the digitally driven output.
Table 5-19. A/D Converter Channel Selection when the Multiplexor Output is Disabled
Mode Select
Mode Select
ADMOD = 0
Mux Output
Select Bits
ADMOD = 1
Single Ended
Disabled
Differential Mode
Mode
ADCH3
ADCH2
ADCH1
ADCH0
Channel No.
Channel Pairs (+,
MUX
−)
0
0
0
0
0
0, 1
0
0
0
0
1
1
1, 0
0
0
0
1
0
2
2, 3
0
0
0
1
1
3
3, 2
0
0
1
0
0
4
4, 5
0
0
1
0
1
5
5, 4
0
0
1
1
0
6
6, 7
0
0
1
1
1
7
7, 6
0
1
0
0
0
8
8, 9
0
1
0
0
1
9
9, 8
0
1
0
1
0
10
10, 11
0
1
0
1
1
11
11, 10
0
1
1
0
0
12
12, 13
0
1
1
0
1
13
13, 12
0
1
1
1
0
14
14, 15
0
1
1
1
1
15
15, 14
0
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
69
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com