Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 86 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 86 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 82Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 83Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 84Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 85Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 86Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 87Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 88Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 89Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
The user must set the BUSY flag immediately upon entering the Slave mode. This ensures that all data
bits sent by the Master is shifted properly. After eight clock pulses the BUSY flag is clear, the shift clock is
stopped, and the sequence may be repeated.
Figure 5-26. MICROWIRE/PLUS Application
5.17.1.2.1 Alternate SK Phase Operation and SK Idle Polarity
The device allows either the normal SK clock or an alternate phase SK clock to shift data in and out of the
SIO register. In both the modes the SK idle polarity can be either high or low. The polarity is selected by
bit 5 of Port G data register. In the normal mode data is shifted in on the rising edge of the SK clock and
the data is shifted out on the falling edge of the SK clock. The SIO register is shifted on each falling edge
of the SK clock. In the alternate SK phase operation, data is shifted in on the falling edge of the SK clock
and shifted out on the rising edge of the SK clock. Bit 6 of Port G configuration register selects the SK
edge.
A control flag, SKSEL, allows either the normal SK clock or the alternate SK clock to be selected. Refer to
Table 5-31 for the appropriate setting of the SKSEL bit. The SKSEL is mapped into the G6 configuration
bit. The SKSEL flag will power up in the reset condition, selecting the normal SK signal provided the SK
Idle Polarity remains LOW.
Table 5-31. MICROWIRE/PLUS Shift Clock Polarity and Sample/Shift Phase
Port G
SK Phase
SO Clocked Out On:
SI Sampled On:
SK Idle Phase
G6 (SKSEL)
G5 Data Bit
Config. Bit
Normal
0
0
SK Falling Edge
SK Rising Edge
Low
Alternate
1
0
SK Rising Edge
SK Falling Edge
Low
Alternate
0
1
SK Rising Edge
SK Falling Edge
High
Normal
1
1
SK Falling Edge
SK Rising Edge
High
86
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com