Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 64 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 64 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 60Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 61Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 62Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 63Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 64Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 65Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 66Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 67Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Figure 5-17. Framing Formats
5.13.6 USART INTERRUPTS
The USART is capable of generating interrupts. Interrupts are generated on Receive Buffer Full and
Transmit Buffer Empty. Both interrupts have individual interrupt vectors. Two bytes of program memory
space are reserved for each interrupt vector. The two vectors are located at addresses 0xEC to 0xEF Hex
in the program memory space. The interrupts can be individually enabled or disabled using Enable
Transmit Interrupt (ETI) and Enable Receive Interrupt (ERI) bits in the ENUI register.
The interrupt from the Transmitter is set pending, and remains pending, as long as both the TBMT and
ETI bits are set. To remove this interrupt, software must either clear the ETI bit or write to the TBUF
register (thus clearing the TBMT bit).
The interrupt from the receiver is set pending, and remains pending, as long as both the RBFL and ERI
bits are set. To remove this interrupt, software must either clear the ERI bit or read from the RBUF register
(thus clearing the RBFL bit).
64
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com