Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 12Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 13Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 14Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 15Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 16Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 17Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 18Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 19Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
AC Electrical Characteristics (
−40°C ≤ TA ≤ +125°C) (continued)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Output Pulse Width
Timer 2, 3 Output High Time
150
ns
Timer 2, 3 Output Low Time
150
ns
USART Bit Time when using External CKX
6 CKI
periods
USART CKX Frequency when being Driven by Internal
Baud Rate Generator
2
MHz
Reset Pulse Width
0.5
tC
3.7
A/D Converter Electrical Characteristics (
−40°C ≤ T
A ≤ +125°C) (Single-ended mode
only)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Resolution
10
Bits
DNL
VCC = 5V
±1
LSB
INL
VCC = 5V
±3
LSB
Offset Error
VCC = 5V
+2.5,
−1
LSB
Gain Error
VCC = 5V
+0.5,
−2.5
LSB
Input Voltage Range
4.5V
≤ VCC < 5.5V
0
VCC
V
Analog Input Leakage Current
0.5
µA
Analog Input Resistance(1)
6k
Ω
Analog Input Capacitance
7
pF
Conversion Clock Period
4.5V
≤ VCC < 5.5V
0.8
30
µs
Conversion Time (including S/H Time)
15
A/D
Conversion
Clock
Cycles
Operating Current on AVCC
AVCC = 5.5V
0.2
0.6
mA
(1)
Resistance between the device input and the internal sample and hold capacitance.
Figure 3-1. MICROWIRE/PLUS Timing
16
Electrical Specifications
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com